Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 10Page - STMicroelectronics STUSB4500 Datasheet HTML 11Page - STMicroelectronics STUSB4500 Datasheet HTML 12Page - STMicroelectronics STUSB4500 Datasheet HTML 13Page - STMicroelectronics STUSB4500 Datasheet HTML 14Page - STMicroelectronics STUSB4500 Datasheet HTML 15Page - STMicroelectronics STUSB4500 Datasheet HTML 16Page - STMicroelectronics STUSB4500 Datasheet HTML 17Page - STMicroelectronics STUSB4500 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Table 10. VBUS_EN_SNK pin behavior depending on the operating conditions
Value
Operating conditions
NVM parameter
POWER_ONLY
_ABOVE_5V
Connection
stage
VBUS voltage from source
VBUS monitoring conditions on
VBUS_VS_DISCH pin
Type-C state
0
0b
At attachment
5 V
(USB Type-C)
VBUS < VMONUSBH1
and
VBUS > VMONUSBL1
Attached.SNK
or
Debug Accessory.SNK
During operation
5 V
(USB Type-C
or SNK_PDO1)
VBUS < VMONUSBH1
and
VBUS > VTHUSB
0b or 1b
During operation
V(SNK_PDO2)
or V(SNK_PDO3)
VBUS < VMONUSBH2/3
and
VBUS > VMONUSBL2/3
Hi-Z
0b or 1b
Before
attachment
N.A.
N.A.
Unattached.SNK
1b
At attachment
5 V
(USB Type-C)
VBUS < VMONUSBH1
and
VBUS > VMONUSBL1
Attached.SNK
or
Debug Accessory.SNK
0b
VBUS > VMONUSBH1
and
VBUS < VMONUSBL1
AttachWait.SNK
0b
During operation
5 V
(USB Type-C
or SNK_PDO1)
VBUS > VMONUSBH1
or
VBUS < VTHUSB
Attached.SNK
or
Debug Accessory.SNK
0b or 1b
V(SNK_PDO2)
or V(SNK_PDO3)
VBUS > VMONUSBH2/3
or
VBUS < VMONUSBL2/3
Type-C state column refers to the Type-C FSM states as defined in the USB Type-C standard specification.
3.5
Dead battery mode
Dead battery mode allows systems powered by a battery to be supplied by the VBUS when the battery is
discharged and to start the battery charging process. This mode is also used in systems that are powered through
the VBUS only.
Dead battery mode operates only if the CC1DB and CC2DB pins are connected respectively to the CC1 and CC2
pins. Thanks to these connections, the STUSB4500 presents a pull-down termination on its CC pins and
advertises itself as a sink even if the device is not supplied.
When a source system connects to a USB Type-C port with the STUSB4500 configured in dead battery mode, it
can detect the pull-down termination, establish the source-to-sink connection, and provide the VBUS. The
STUSB4500 is then supplied thanks to the VDD pin connected to VBUS on the USB Type-C receptacle side. The
STUSB4500 can finalize the connection on its side and enable the power path on VBUS thanks to the
VBUS_EN_SNK pin to allow the system to be powered.
STUSB4500
Dead battery mode
DS12499 - Rev 2
page 14/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com