Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 7Page - STMicroelectronics STUSB4500 Datasheet HTML 8Page - STMicroelectronics STUSB4500 Datasheet HTML 9Page - STMicroelectronics STUSB4500 Datasheet HTML 10Page - STMicroelectronics STUSB4500 Datasheet HTML 11Page - STMicroelectronics STUSB4500 Datasheet HTML 12Page - STMicroelectronics STUSB4500 Datasheet HTML 13Page - STMicroelectronics STUSB4500 Datasheet HTML 14Page - STMicroelectronics STUSB4500 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
3.3
Auto-run mode
The STUSB4500 implements a hardcoded decision algorithm that allows the device to negotiate in autonomous
way a power delivery transaction with a source according to the PDO (power data objects) profiles programmed in
the NVM.
It makes the STUSB4500 a plug-and-play, autonomous and effective solution to develop USB PD sink systems
operating in standalone.
3.3.1
Sink PDOs configuration
The STUSB4500 features up to 3 sink PDOs (SNK_PDO). The value of each PDO is defined in the NVM (see
Section 5 Start-up configuration).
Table 8. Sink PDO description
Sink PDO #
Comment
Priority
Description
PDO1
Mandatory
Low
Defines the default power configuration
PDO2
Optional
Medium
Defines the intermediate power configuration
PDO3
Optional
High
Defines the highest power configuration (if any)
PDO voltage configuration:
PDO1 voltage is fixed to 5 V by hardware
PDO2 and PDO3 voltages are programmable by NVM from 5 V to 20 V by steps of 50 mV as defined in the
USB PD standard specification (see Section 5 Start-up configuration)
PDO current configuration:
The current of each PDO is programmable by NVM through look-up table see (Section 5 Start-up
configuration)
15 predefined values are set in the look-up table from 0.5 A to 5 A
1 custom value can be programmed in the look-up table from 10 mA to 5 A by steps of 10 mA as defined in
the USB PD standard specification. This value is common to all PDOs if used
3.3.2
Decision algorithm description
The decision algorithm compares each SNK_PDOi with the SRC_PDOj capabilities received from the source.
The comparison starts from the SNK_PDO with the highest priority to the SNK_PDO with the lowest priority. The
voltage is compared first, the current afterwards.
A match occurs when both conditions are met:
1.
V(SNK_PDOi) = V(SRC_PDOj)
2.
I(SNK_PDOi) ≤ I(SRC_PDOj)
The comparison loop stops at the first match. The remaining SRC_PDOj are not compared and the SNK_PDOi
with lower priority are discarded.
In case of match:
An RDO (request data object) message is formed with matched voltage V(SNK_PDOi) as operating voltage,
related I(SNK_PDOi) current as operating current and I(SRC_PDOj) current from matched SRC_PDOj as
maximum current
The RDO message is sent to the source for evaluation and acceptance by the source prior the transition to
matched PDO voltage by the source and the reception of PS_READY message by the sink
In case of no match:
At the end of the comparison loop, if no match happens, the USB PD negotiation ends with an explicit USB
PD contract at 5 V
An RDO message is sent to the source with capability mismatch enabled, operating current set to current
value from source PDO at 5 V, and maximum current set to I(SNK_PDO1)
STUSB4500
Auto-run mode
DS12499 - Rev 2
page 11/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com