Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 15Page - STMicroelectronics STUSB4500 Datasheet HTML 16Page - STMicroelectronics STUSB4500 Datasheet HTML 17Page - STMicroelectronics STUSB4500 Datasheet HTML 18Page - STMicroelectronics STUSB4500 Datasheet HTML 19Page - STMicroelectronics STUSB4500 Datasheet HTML 20Page - STMicroelectronics STUSB4500 Datasheet HTML 21Page - STMicroelectronics STUSB4500 Datasheet HTML 22Page - STMicroelectronics STUSB4500 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Parameter name
Parameter description
Reset
value
(default)
Value
Description
I_SNK_PDO2
Current value for SNK_PDO2
0101b
(1.5 A)
0000b
I_SNK_PDO_LUT[3:0] flexible current
value from look-up table (see Table
17. Look-up table for sink PDO current
configuration)
0001b
to
1111b
I_SNK_PDO_LUT[3:0] pre-defined
current values from look-up table (see
Table 17. Look-up table for sink PDO
current configuration)
I_SNK_PDO3
Current value for SNK_PDO3
0011b
(1.0 A)
0000b
I_SNK_PDO_LUT[3:0] flexible current
value from look-up table (see Table
17. Look-up table for sink PDO current
configuration)
0001b
to
1111b
I_SNK_PDO_LUT[3:0] pre-defined
current values from look-up table (see
Table 17. Look-up table for sink PDO
current configuration)
I_SNK_PDO_FLEX
Flexible current value
common to all PDOs
0.01*200
(2.0 A)
0.01*1
to
0.01*500
Flexible current value
10 mA ≤ 0.01*I_SNK_PDO_FLEX[9:0]
≤ 5A by steps of 10 mA
Default I_SNK_PDO_FLEX[9:0] =
0011001000 (see Table 17. Look-up
table for sink PDO current
configuration)
SHIFT_VBUS_HL1
Coefficient to shift up nominal
VBUS high voltage limit
applicable to 5 V and
SNK_PDO1 voltage
1010b
(10%)
0001b
to
1111b
1% ≤ VSHUSBH1 ≤ 15% of VBUS by
increment of 1%
Default VSHUSBH1 = 10%
SHIFT_VBUS_LL1
Coefficient to shift down
nominal VBUS low voltage
limit applicable to 5 V and
SNK_PDO1 voltage
1111b
(15%)
0001b
to
1111b
1% ≤ VSHUSBL1 ≤ 15% of VBUS by
increment of 1%
Default VSHUSBL1 = 15%
SHIFT_VBUS_HL2
Coefficient to shift up nominal
VBUS high voltage limit
applicable to SNK_PDO2
voltage
0101b
(5%)
0001b
to
1111b
1% ≤ VSHUSBH2 ≤ 15% of VBUS by
increment of 1%
Default VSHUSBH2 = 5%
SHIFT_VBUS_LL2
Coefficient to shift down
nominal VBUS applicable to
SNK_PDO2 voltage
1111b
(15%)
0001b
to
1111b
1% ≤ VSHUSBL2 ≤ 15% of VBUS by
increment of 1%
Default VSHUSBL2 = 15%
SHIFT_VBUS_HL3
Coefficient to shift up nominal
VBUS high voltage limit
applicable to SNK_PDO3
voltage
0101b
(5%)
0001b
to
1111b
1% ≤ VSHUSBH3 ≤ 15% of VBUS by
increment of 1%
Default VSHUSBH3 = 5%
SHIFT_VBUS_LL3
Coefficient to shift down
nominal VBUS low voltage
limit applicable to
SNK_PDO3 voltage
1111b
(15%)
0001b
to
1111b
1% ≤ VSHUSBL3 ≤ 15% of VBUS by
increment of 1%
Default VSHUSBL3 = 15%
VBUS_DISCH_TIME_TO_0V
Coefficient used to compute
VBUS discharge time to 0V
1001b
(9)
0001b
to
1111b
1 ≤ TDISPAR0V ≤ 15 by increment of 1
Unit discharge time: 84 ms (typ.)
Default coefficient TDISPAR0V = 9,
discharge time TDISUSB0V = 756 ms
STUSB4500
Default start-up configuration
DS12499 - Rev 2
page 19/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com