Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STUSB4500
Description  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 3Page - STMicroelectronics STUSB4500 Datasheet HTML 4Page - STMicroelectronics STUSB4500 Datasheet HTML 5Page - STMicroelectronics STUSB4500 Datasheet HTML 6Page - STMicroelectronics STUSB4500 Datasheet HTML 7Page - STMicroelectronics STUSB4500 Datasheet HTML 8Page - STMicroelectronics STUSB4500 Datasheet HTML 9Page - STMicroelectronics STUSB4500 Datasheet HTML 10Page - STMicroelectronics STUSB4500 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
2.2.8
POWER_OK2/POWER_OK3
These pins report by default the status of the USB power delivery contract negotiation with the source.
Different configurations are proposed as stated in the table below to meet specific application requirements. The
configuration of the POWER_OK pins can be changed by NVM programming (see Section 5 Start-up
configuration).
Depending on the programmed configuration, they can be used in combination with VBUS_EN_SNK pin to enable
different power path scenarios.
POWER_OK2 pin is a high voltage open drain output that allows a PMOS transistor to be directly driven to enable
a power path.
POWER_OK3 is a low voltage open drain output.
Table 4. POWER_OK pin configuration
Configuration ID
/NVM parameter
PWR_OK_CFG[1:0]
Pin name
Value
Description
Configuration 1: all PDOs on single VBUS power path
00b
VBUS_EN_SNK(1)
Hi-Z
No source attached
0
Source attached
POWER_OK2
Hi-Z
No functionality
POWER_OK3
Hi-Z
No functionality
Configuration 2: all PDOs on single VBUS power path + dedicated high power charging paths
10b
(default)
VBUS_EN_SNK
(1)
Hi-Z
No source attached
0
Source attached
POWER_OK2
Hi-Z
No PD explicit contract
0
PD explicit contract with PDO2
POWER_OK3
Hi-Z
No PD explicit contract
0
PD explicit contract with PDO3
Configuration 3: all PDOs on single VBUS power path + detection of USB Type-C current capability from source
11b
VBUS_EN_SNK(1)
Hi-Z
No source attached
0
Source attached
POWER_OK2
Hi-Z
No source attached or source supplies default
USB Type-C current at 5 V when source
attached
0
Source supplies 3.0 A USB Type-C current at 5
V when source attached
POWER_OK3
Hi-Z
No source attached or source supplies default
USB Type-C current at 5V when source attached
0
Source supplies 1.5 A USB Type-C current at 5
V when source attached
01b
Not applicable
1. The VBUS_EN_SNK pin values correspond to the default behavior
In case of configuration 2 (default):
When a PDO negotiation succeeds, the POWER_OK pin related to the negotiated PDO is enabled (active
low) when PS_READY message is received from the source
STUSB4500
Pin description
DS12499 - Rev 2
page 7/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com