Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB4761 Datasheet HTML 1Page - STMicroelectronics STUSB4761 Datasheet HTML 2Page - STMicroelectronics STUSB4761 Datasheet HTML 3Page - STMicroelectronics STUSB4761 Datasheet HTML 4Page - STMicroelectronics STUSB4761 Datasheet HTML 5Page - STMicroelectronics STUSB4761 Datasheet HTML 6Page - STMicroelectronics STUSB4761 Datasheet HTML 7Page - STMicroelectronics STUSB4761 Datasheet HTML 8Page - STMicroelectronics STUSB4761 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
QFN16 (3x3 mm)
Features
Type-C and USB PD controller (with autorun)
Provider role - up to 5 PDO profiles
Programmable VBUS voltage and current protections
High-side current sensing
Integrated CC/CV regulation
50 mA VCONN switch (OVP and OCP)
E-marked cable support for 100 W applications
Ambient temperature adaptive power and overtemperature protection
Data role and VCONN swap answer support
Factory mode configuration over CC pin
Integrated VBUS discharge control path
Integrated VBUS switches gate driver (PMOS)
Short-to-VBUS protections
VDD = [4.1 V; 22 V] - AMR = 28 V
Temperature range: -40 °C up to 105 °C
ESD = 1.5 kV CDM / 4 kV HBM
Certified according to:
USB Power Delivery specifications (rev 3.0)
USB type-C™ (rev 1.4)
TID: 2070
Applications
AC adapters and power supplies for computer, consumer, portable consumer
and industrial applications
Smart plugs and wall adapters
Description
The STUSB4761 addresses USB type-C and Power Delivery provider devices.
Thanks to default parameters stored in an internal non-volatile-memory, the
STUSB4761 implements up to 5 PDOs in order to negotiate autonomously a Power
Delivery contract with a sink without any internal or external software (autorun mode).
A CC/CV regulation loop allows a fully regulated power management unit (AC/DC) to
be implemented with a minimum BOM cost.
Product status link
STUSB4761
Product summary
Order code
STUSB4761QTR
Description
Standalone USB
PD controller
(source, autorun)
Package
QFN16 (3x3 mm)
Marking
4761
Standalone USB PD controller with integrated CC/CV for AC/DC applications
STUSB4761
Datasheet
DS13141 - Rev 3 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STUSB4761

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB4700 STMICROELECTRONICS-STUSB4700 Datasheet
1Mb / 32P
Smart plugs and wall adapters
22-Mar-2017
STUSB4710 STMICROELECTRONICS-STUSB4710 Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
STUSB4710ADTR STMICROELECTRONICS-STUSB4710ADTR Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
STUSB4710AQ1TR STMICROELECTRONICS-STUSB4710AQ1TR Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
STUSB4710AQTR STMICROELECTRONICS-STUSB4710AQTR Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
More results

Similar Description - STUSB4761

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
logo
Active-Semi, Inc
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
logo
Monolithic Power System...
MP26085 MPS-MP26085 Datasheet
729Kb / 13P
CC/CV Controller
logo
STMicroelectronics
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
logo
Texas Instruments
TPS25750 TI1-TPS25750 Datasheet
3Mb / 67P
TPS25750 USB Type-C and USB PD Controller with Integrated Power Switches Optimized for Power Applications
TPS25750 TI-TPS25750_V01 Datasheet
3Mb / 74P
TPS25750 USB Type-C짰 and USB PD Controller with Integrated Power Switches Optimized for Power Applications
logo
AiT Semiconductor Inc.
AP8836 AITSEMI-AP8836 Datasheet
586Kb / 15P
AC-DC PWM CONTROLLER HIGH PRECISION CC/CV PRIMARY-SIDE CONVERTER
REV1.1
logo
Major-Power Technology ...
MA5820 MPOWER-MA5820 Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com