Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 12Page - STMicroelectronics STUSB4761 Datasheet HTML 13Page - STMicroelectronics STUSB4761 Datasheet HTML 14Page - STMicroelectronics STUSB4761 Datasheet HTML 15Page - STMicroelectronics STUSB4761 Datasheet HTML 16Page - STMicroelectronics STUSB4761 Datasheet HTML 17Page - STMicroelectronics STUSB4761 Datasheet HTML 18Page - STMicroelectronics STUSB4761 Datasheet HTML 19Page - STMicroelectronics STUSB4761 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
5.3
Minimal implementation (up to 60 W-3 A max., no temperature protection, no
LED)
Figure 7. Minimal implementation
Main1
Main2
Side
CBulk1
Dprim1
Rprim1
1K
Oprim1A
Optocoupleur
Oprim1B
PWM
OUT
SENSE
VDD
GND
FB
RSP1
Dprim2
S
G
D
From Secondary
Cprim1
Cprim1
1000µF
C5
1µF
C2
1µF
1V2
2V7
VSRC
VBUS
GND
R11
47K
R12
10K
R10
100
RSC1
0.010
R33
15k
C3 33nF
R8
3K
R13
402
GND
GND
5
1
T3
STL8P4LLF6
CC1
CC2
SCL
SDA
Fault
J24
OUT
D3
GND
GND
Opto
GND
C6
10µF
GND
GND
0
VReg_2V7
15
VReg_1V2
14
VBus-EN_SRC 13
ISense_Disch 8
SCL 5
SDA 6
Opto_DRV
9
Fault 4
CC2 3
CC1 1
VSense_Disch 12
TSense
11
FB
10
VConn_VSys
2
Type-C
Power Delivery
Vdd
16
Gnd
7
U1
STUSB4761
R22
1V2
R1
4.7K
R2
4.7K
R3
4.7K
2V7
C18
10µF
GND
ACDC Primary/Secondary Side
R5
1K
D1
ESDA6V1
GND
5.4
Reference schematic (full feature: up to 100 W, temperature adaptive power,
LED)
Figure 8. Reference schematic
Main1
Main2
Side
CBulk1
Dprim1
Rprim1
1K
Oprim1A
Optocoupleur
Oprim1B
PWM
OUT
SENSE
VDD
GND
FB
RSP1
Dprim2
S
G
D
From Secondary
Cprim1
Cprim1
1000µF
C5
1µF
C2
1µF
1V2
2V7
VSRC
VBUS
GND
D8
VBus
R25
3.9K
R11
47K
R12
10K
R10
100
RSC1
0.010
R24
150K
COM
VCONN
1
S
G
D
T4
2N7002K
GND
R33
15k
C3 33nF
R8
3K
R13
402
C1
1µF
GND
C4
1µF
GND
5
1
T2
STL8P4LLF6
5
1
T3
STL8P4LLF6
IN
4
GND
OUT 5
LDK715M
U3
CC1
CC2
SCL
SDA
Fault
J24
OUT
RD1
100
D3
GND
GND
Opto
GND
C6
10µF
GND
D+
D-
GND
0
VReg_2V7
15
VReg_1V2
14
VBus-EN_SRC 13
ISense_Disch 8
SCL 5
SDA 6
Opto_DRV
9
Fault 4
CC2 3
CC1 1
VSense_Disch 12
TSense
11
FB
10
VConn_VSys
2
Type-C
Power Delivery
Vdd
16
Gnd
7
U1
STUSB4761
R22
2K7
R23
1V2
GND
Temp
R1
4.7K
R2
4.7K
R3
4.7K
2V7
C18
10µF
GND
ACDC Primary/Secondary Side
D-
D+
D1
ESDA6V1
GND
Temperature threshold settings for: T1 = 70 °C; T2 = 90 °C; T3 = 110 °C
•
VReg_1V2 = 1.148 V
•
R22 = 2.7 kOhms (1% accuracy)
•
R23 = 47 kOhms (ref = NTCS0603E3473JHT)
STUSB4761
Minimal implementation (up to 60 W-3 A max., no temperature protection, no LED)
DS13141 - Rev 3
page 16/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com