Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 9Page - STMicroelectronics STUSB4761 Datasheet HTML 10Page - STMicroelectronics STUSB4761 Datasheet HTML 11Page - STMicroelectronics STUSB4761 Datasheet HTML 12Page - STMicroelectronics STUSB4761 Datasheet HTML 13Page - STMicroelectronics STUSB4761 Datasheet HTML 14Page - STMicroelectronics STUSB4761 Datasheet HTML 15Page - STMicroelectronics STUSB4761 Datasheet HTML 16Page - STMicroelectronics STUSB4761 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Parameter
Description
Value
Comments
I_SRC_PDO_otp(i)
Current value, for every
SRC_PDO(i),
in overtemperature
condition (T > T1)
Pre-defined current
0.50 A
0.75 A
1.00 A
1.25 A
1.50 A
1.75 A
2.00 A
2.25 A
2.50 A
2.75 A
3.00 A
3.50 A
4.00 A
4.50 A
5.00 A
VCONN_ENABLE
VCONN pin connection
No
VCONN not supported, connected to
GND
Yes
VCONN supported, connected to
POWER
DR_SW_EN
Data role swap enable
Off
Data role swap not supported
On
Data role swap accepted
VDM_CUSTOM_DIS
Enable the STUSB4761
customization via CC
pins
Off
Factory customization via CC pin is
available
On
Factory customization via CC pin is
not possible
CC_ref_current
Constant current mode
reference
I_SRC_PDO[RDO
object position field]
Current from STUSB4761 PDO
selected by the sink
RDO[operating
current field]
Operating current of sink request
RDO[max operating
current field]
Maximum operating current of sink
request
OCP_Threshold
OCP threshold value
(see Section 3.6.2 CC
MODE)
+ 12.5%
+12.5% (or +130 mA)
above reference regulation current
(CC_ref_current)
+ 25%
+25% (or +260 mA)
above reference regulation current
CC_ref_current)
V_UVLO
Undervoltage lockout
From 5% to 20%
By increments of 5%
V_OVLO
Overvoltage lockout
From 5% to 20%
By increments of 5%
SHUNT_RESISTOR
Current regulation gain
adjustment
based on shunt value
10 mΩ
15 mΩ
25 mΩ
UNCONSTRAINED_POWER
Unconstrained power bit
from fixed supply PDO
Off
No external source of power
On
An external source of power is
available and is sufficient to
adequately power the system while
charging external devices
STUSB4761
Parameter overview
DS13141 - Rev 3
page 13/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com