Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 2Page - STMicroelectronics STUSB4761 Datasheet HTML 3Page - STMicroelectronics STUSB4761 Datasheet HTML 4Page - STMicroelectronics STUSB4761 Datasheet HTML 5Page - STMicroelectronics STUSB4761 Datasheet HTML 6Page - STMicroelectronics STUSB4761 Datasheet HTML 7Page - STMicroelectronics STUSB4761 Datasheet HTML 8Page - STMicroelectronics STUSB4761 Datasheet HTML 9Page - STMicroelectronics STUSB4761 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
2.3.10
VSENSE_DISCH
This input pin is used to sense VBUS presence, monitor VBUS output voltage and VBUS discharge on USB Type-C
receptacle side.
2.3.11
VBUS_EN_SRC
This pin enables the outgoing VBUS power when the connection to a sink is established and VDD is in the valid
operating range. The open drain output allows a PMOS transistor to be driven directly.
2.3.12
VREG1V2
This pin is used only for external decoupling of 1.2 V internal regulator.
Recommended decoupling capacitor: 1 µF typ. (0.5 µF min.; 10 µF max.).
2.3.13
VREG2V7
This pin is used only for external decoupling of 2.7 V internal regulator.
Recommended decoupling capacitor: 1 µF typ. (0.5 µF min.; 10 µF max.).
2.3.14
VDD
This pin is the IC power supply and feedback loop input in CV mode.
This pin assures that before applying VBUS on type-C connector, voltage is in the range [3.9 V-6 V]. VBUS path is
not closed if VDD is not in this range at connection.
STUSB4761
Pin description
DS13141 - Rev 3
page 6/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com