Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 21Page - STMicroelectronics STUSB4761 Datasheet HTML 22Page - STMicroelectronics STUSB4761 Datasheet HTML 23Page - STMicroelectronics STUSB4761 Datasheet HTML 24Page - STMicroelectronics STUSB4761 Datasheet HTML 25Page - STMicroelectronics STUSB4761 Datasheet HTML 26Page - STMicroelectronics STUSB4761 Datasheet HTML 27Page - STMicroelectronics STUSB4761 Datasheet HTML 28Page - STMicroelectronics STUSB4761 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
3.9
Debug accessory detection ..................................................... 11
4
User-defined start-up configuration ...............................................12
4.1
Parameter overview ........................................................... 12
4.2
Factory settings ............................................................... 14
5
Applications ......................................................................15
5.1
General information ........................................................... 15
5.1.1
Power supply .......................................................... 15
5.2
Typical application ( up to 60 W- 3 A max.) ........................................ 15
5.3
Minimal implementation (up to 60 W-3 A max., no temperature protection, no LED) ...... 16
5.4
Reference schematic (full feature: up to 100 W, temperature adaptive power, LED) ...... 16
6
Electrical characteristics..........................................................18
6.1
Absolute maximum ratings...................................................... 18
6.2
Operating conditions .......................................................... 19
6.3
Electrical and timing characteristics .............................................. 20
6.4
Thermal information ........................................................... 21
7
Package information..............................................................22
7.1
QFN16_3x3_mm_package information ........................................... 22
Revision history .......................................................................24
STUSB4761
Contents
DS13141 - Rev 3
page 26/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com