Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 5 Page - STMicroelectronics

  STUSB4761 Datasheet HTML 1Page - STMicroelectronics STUSB4761 Datasheet HTML 2Page - STMicroelectronics STUSB4761 Datasheet HTML 3Page - STMicroelectronics STUSB4761 Datasheet HTML 4Page - STMicroelectronics STUSB4761 Datasheet HTML 5Page - STMicroelectronics STUSB4761 Datasheet HTML 6Page - STMicroelectronics STUSB4761 Datasheet HTML 7Page - STMicroelectronics STUSB4761 Datasheet HTML 8Page - STMicroelectronics STUSB4761 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
2.3
Pin description
2.3.1
CC1 / CC2
CC1 and CC2 are the configuration channel pins used for connection and attachment detection, plug orientation
determination and system configuration management across USB Type-C cable.
2.3.2
VCONN_VSYS
This power input is connected to a power source that can be a 5 V power supply or a lithium battery. It is used to
provide power to the local plug. It is internally connected to power switches that are protected against short-circuit
and overvoltage. This does not require any protection on the input side. When a valid source-to-sink connection is
determined and the VCONN power switches are enabled, VCONN is provided by the source to the unused CC pin
(see Section 3.2 VCONN supply) if power input is above 2.65 V. It is mandatory to supply this pin to allow overall
power above 60 W or any power profile with current above 3 A.
2.3.3
FAULT
FAULT signal is asserted when T3 temperature threshold is reached (see Section 3.4 Ambient temperature
adaptive power and protection). FAULT signal is de-asserted when one of the below re-start conditions is met:
1.
VDD goes below POR threshold
2.
Temperature decreases below T1
Note:
this re-start condition is valid once. In case some errors occur again, condition 1 only becomes valid, allowing T1
falling threshold output condition to be cleared/enabled again.
2.3.4
I²C interface
An IC interface can be used for non-volatile-memory customization (see Section 3.1 PDO customization)
Table 3. I2C interface pin list
Name
Description
SCL
I²C clock - need external pull-up
SDA
I²C data - need external pull-up
2.3.5
GND
Ground.
2.3.6
ISENSE_DISCH
Current sensing and VBUS discharge signal. The shunt resistor must be placed between VDD and
ISENSE_DISCH for the correct current measurement. This pin is used to discharge high capacitive VBUS line (on
system side). Discharge is enabled automatically during voltage down transitions, hard reset, error_recovery or
cable disconnection.
2.3.7
FB
IC internal feedback loop compensation pin.
2.3.8
OPTO_DRV
Control signal used to drive the optocoupler.
2.3.9
TSENSE
Temperature sensing input pin. To be connected to an NTC.
If ambient temperature adaptive power and overtemperature protection is not used, connect 1 kΩ pull-up resistor
to 1.2 V in order to disable temperature monitoring feature.
STUSB4761
Pin description
DS13141 - Rev 3
page 5/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com