Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 10Page - STMicroelectronics STUSB4761 Datasheet HTML 11Page - STMicroelectronics STUSB4761 Datasheet HTML 12Page - STMicroelectronics STUSB4761 Datasheet HTML 13Page - STMicroelectronics STUSB4761 Datasheet HTML 14Page - STMicroelectronics STUSB4761 Datasheet HTML 15Page - STMicroelectronics STUSB4761 Datasheet HTML 16Page - STMicroelectronics STUSB4761 Datasheet HTML 17Page - STMicroelectronics STUSB4761 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Parameter
Description
Value
Comments
USB_COMM_CAPABLE
USB communications
capable bit from fixed
supply PDO
No
Application does not support USB 2.0
or 3.x data
Yes
Application supports USB 2.0 or 3.x
data
4.2
Factory settings
Table 11. Factory settings
PARAMETER
VALUE
TYPEC_CURRENT
3 A
SRC_PDO_NUMB
5
DR_SW_EN
ON
VCONN_ENABLE
NO
VDM_CUSTOM_DIS
OFF
CC_ref_current
I_SRC_PDO[RDO object position field]
OCP_Threshold
+12.5%
SHUNT_RESISTOR
10 mOhms
UNCONSTRAINED_POWER
ON
USB_COMM_CAPABLE
NO
Table 12. Factory settings continued
PDO #
Type
PD power (1)
(default)
PD power (1)
(OTP)
Voltage
UVLO (2)
Voltage
OVLO (2)
SRC_PDO1
Fixed PDO
5 V; 3.00 A
2.00 A
-5%
+10%
SRC_PDO2
Fixed PDO
9 V; 3.00 A
2.00 A
-5%
+10%
SRC_PDO3
Fixed PDO
12 V; 3.00 A
2.00 A
-5%
+10%
SRC_PDO4
Fixed PDO
15 V; 3.00 A
2.00 A
-5%
+10%
SRC_PDO5
Fixed PDO
20 V; 2.25 A
2.00 A
-5%
+10%
1. PD power (PDP): The output power of a source, as specified by the manufacturer and expressed in fixed supply PDOs.
2. UVLO / OVLO accuracy: +/- 2% across temperature range.
STUSB4761
Factory settings
DS13141 - Rev 3
page 14/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com