Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 8Page - STMicroelectronics STUSB4761 Datasheet HTML 9Page - STMicroelectronics STUSB4761 Datasheet HTML 10Page - STMicroelectronics STUSB4761 Datasheet HTML 11Page - STMicroelectronics STUSB4761 Datasheet HTML 12Page - STMicroelectronics STUSB4761 Datasheet HTML 13Page - STMicroelectronics STUSB4761 Datasheet HTML 14Page - STMicroelectronics STUSB4761 Datasheet HTML 15Page - STMicroelectronics STUSB4761 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
4
User-defined start-up configuration
4.1
Parameter overview
The non-volatile-memory allows customer to customize the STUSB4761 default parameters. The default
configuration can be overridden either through the I²C interface or via CC pin (see Section 3.1 PDO
customization). The list of customizable parameters is described in the table below:
Table 10. Parameter overview
Parameter
Description
Value
Comments
TYPEC_CURRENT (Rp)
Source current
advertised
on CC pin
USB default
1.5 A
3 A
SRC_PDO_NUMB
Number of PDO
From 2 to 5
To be ranked by increasing voltage
value
V_SRC_PDO(i)
Default voltage value
for SRC_PDO(i)
1≤ i ≤ SRC_PDO_NUMB
5 V
Fixed value for SRC_PDO1
V_SRC_PDO_FLEX1
Flexible voltage value to be assigned
to any SRC_PDO:
5 V < V_SRC_PDO ≤ 20 V
by steps of 50 mV
V_SRC_PDO_FLEX2
Flexible voltage value to be assigned
to any SRC_PDO:
5 V < V_SRC_PDO ≤ 20 V
by steps of 50 mV
I_SRC_PDO(i)
Default current value
for every SRC_PDO(i)
(1≤ i ≤
SRC_PDO_NUMB)
Flexible current
I_SRC_PDO_FLEX
Flexible value to be assigned to any
SRC_PDO:
300 mA < I_SRC_PDO_FLEX ≤ 5 A
by steps of 10 mA
Pre-defined current
0.50 A
0.75 A
1.00 A
1.25 A
1.50 A
1.75 A
2.00 A
2.25 A
2.50 A
2.75 A
3.00 A
3.50 A
4.00 A
4.50 A
5.00 A
I_SRC_PDO_otp(i)
Current value, for every
SRC_PDO(i),
in overtemperature
condition (T > T1)
I_SRC_PDO_FLEX
Flexible value to be assigned to any
SRC_PDO:
10 mA < I_SRC_PDO_FLEX < 5 A
by steps of 10 mA
STUSB4761
User-defined start-up configuration
DS13141 - Rev 3
page 12/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com