Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 7Page - STMicroelectronics STUSB4761 Datasheet HTML 8Page - STMicroelectronics STUSB4761 Datasheet HTML 9Page - STMicroelectronics STUSB4761 Datasheet HTML 10Page - STMicroelectronics STUSB4761 Datasheet HTML 11Page - STMicroelectronics STUSB4761 Datasheet HTML 12Page - STMicroelectronics STUSB4761 Datasheet HTML 13Page - STMicroelectronics STUSB4761 Datasheet HTML 14Page - STMicroelectronics STUSB4761 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Figure 5. Short-to-VBUS
3.8
Hardware fault management
Table 9. Hardware fault management
Parameter
Fault type
Behavior
Ambient
temperature
Thermal protection
See Section 3.4 Ambient temperature adaptive power and
protection
VDD
Overvoltage
Goes to ErrorRecovery (ER).
VBUS path not asserted. Force detach (remove termination).
Re-init connection
Undervoltage
VBUS
Overvoltage
Goes to ErrorRecovery (ER).
De-assert VBUS path. Force detach (remove termination). Re-
init connection
Undervoltage (3.125 ms blanking
time)
VBUS not valid during attach
CC pin and
VCONN switch
1.
Short to VBUS (up to 22 V)
2.
Overvoltage (6 V)
3.
Undervoltage (2.65 V)
4.
Reverse voltage
5.
Overcurrent (80 mA)
6.
Overheating
7.
ESD
1.
Power switch opened. ErrorRecovery
2.
Power switch opened. ErrorRecovery
3.
Power switch opened
4.
Power switch opened
5.
Current limit
6.
Power switch opened. ErrorRecovery
7.
Discharge event
3.9
Debug accessory detection
This mode is to be selected in order to access the STUSB4761 configuration via ST proprietary unstructured VDM
(see Section 3.1 PDO customization).
STUSB4761
Hardware fault management
DS13141 - Rev 3
page 11/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com