Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 19Page - STMicroelectronics STUSB4761 Datasheet HTML 20Page - STMicroelectronics STUSB4761 Datasheet HTML 21Page - STMicroelectronics STUSB4761 Datasheet HTML 22Page - STMicroelectronics STUSB4761 Datasheet HTML 23Page - STMicroelectronics STUSB4761 Datasheet HTML 24Page - STMicroelectronics STUSB4761 Datasheet HTML 25Page - STMicroelectronics STUSB4761 Datasheet HTML 26Page - STMicroelectronics STUSB4761 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Table 18. QFN 16 (3x3 mm) mechanical data
Symbol
mm
Min.
Typ.
Max.
A
0.5
0.65
A1
0
0.05
b
0.18
0.25
0.30
D
3.00 bsc
E
3.00 bsc
e
0.50
L
0.40
0.50
0.60
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
n
16
nD
4
nE
4
Note:
1.
N is the total number of terminals
2.
nD and nE refer to the number of terminals on D and E side respectively
3.
Dimensions b applies to metallized terminal and is measured between 0.15 mm and 0.30 mm from the
terminal tip. If the terminal has the optional radius on the other end of the terminal, the dimension b should
not be measured on that radius area
STUSB4761
QFN 16 (3x3 mm), pitch 0.50 package information
DS13141 - Rev 3
page 23/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com