Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 16Page - STMicroelectronics STUSB4761 Datasheet HTML 17Page - STMicroelectronics STUSB4761 Datasheet HTML 18Page - STMicroelectronics STUSB4761 Datasheet HTML 19Page - STMicroelectronics STUSB4761 Datasheet HTML 20Page - STMicroelectronics STUSB4761 Datasheet HTML 21Page - STMicroelectronics STUSB4761 Datasheet HTML 22Page - STMicroelectronics STUSB4761 Datasheet HTML 23Page - STMicroelectronics STUSB4761 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
6.3
Electrical and timing characteristics
Unless otherwise specified: VDD = 5 V, TA = +25 °C, all voltages are referenced to GND.
Table 16. Electrical and timing characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IDD(SRC)
Current consumption
Device attached
(connected, PD
communication, CCCV
regulating @20 V)
-40 °C < TA < +105 °C
720
900
1080
μA
ISTDBY
Standby
current consumption
Device idle (not
connected, no
communication, CCCV
regulating @5V)
-40 °C < TA < +105 °C
450
550
650
μA
TLOAD
I²C registers loading time
from NVM
At power-up or after a
reset
30
ms
VCONN power switches
RVCONN
VCONN power path
resistance
IVCONN = 0.050 A
-40 °C < TA < +105 °C
5
7.1
Ω
IOCP
Overcurrent protection
VCONN_VSYS = 3.3 V
70
80
90
mA
VOVP
Overvoltage protection
on CC output pins
5.8
6.0
6.2
V
VUVP
Undervoltage protection
on VCONN_VSYS input
pin
Rising
(typical hysteresis =
22.5 mV)
2.6
2.65
2.7
V
TSENSE detection threshold
Vth(T1)
Temperature safe
profile threshold
Rising Temperature
0.873
V
Falling Temperature
0.933
Vth(T2)
Power safe
profile threshold
Rising Temperature
0.713
V
Falling Temperature
0.791
Vth(T3)
Alert threshold
Rising Temperature
0.548
V
Falling Temperature
0.630
Digital input/output (SCL, SDA)
VIH
High level input voltage
1.2
V
VIL
Low level input voltage
0.35
V
VOL
Low level output voltage
Ioh = 3 mA
0.4
V
20 V open-drain ouputs (VBUS_EN_SRC)
VOL
Low level output voltage
Ioh = 3 mA
0.4
V
Discharge pins (VSENSE_DISCH, ISENSE_DISCH)
Imax (VSENSE_DISCH)
Maximum discharge
current
0.05
A
Imax (ISENSE_DISCH)
0.50
A
STUSB4761
Electrical and timing characteristics
DS13141 - Rev 3
page 20/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com