Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 11Page - STMicroelectronics STUSB4761 Datasheet HTML 12Page - STMicroelectronics STUSB4761 Datasheet HTML 13Page - STMicroelectronics STUSB4761 Datasheet HTML 14Page - STMicroelectronics STUSB4761 Datasheet HTML 15Page - STMicroelectronics STUSB4761 Datasheet HTML 16Page - STMicroelectronics STUSB4761 Datasheet HTML 17Page - STMicroelectronics STUSB4761 Datasheet HTML 18Page - STMicroelectronics STUSB4761 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
5
Applications
The following sections are not part of ST product specifications. They are intended to give a generic application
overview to be used by the customer as a starting point for further implementation and customization. ST
does not warrant compliance with customer specifications. Full system implementation and validation are under
customer responsibility.
5.1
General information
5.1.1
Power supply
The STUSB4761 is supplied through the VDD pin. For application supporting more than 3 A (60 to 100 W
AC adapters typically), at the exception of captive cable implementations, VCONN support is mandatory and
therefore, VCONN input pin must be supplied by a 3.3 V-5 V / 50 mA power.
5.2
Typical application ( up to 60 W- 3 A max.)
Figure 6. Typical implementation
Main1
Main2
Side
CBulk1
Dprim1
Rprim1
1K
Oprim1A
Optocoupleur
Oprim1B
PWM
OUT
SENSE
VDD
GND
FB
RSP1
Dprim2
S
G
D
From Secondary
Cprim1
Cprim1
1000µF
C5
1µF
C2
1µF
1V2
2V7
VSRC
VBUS
GND
R11
47K
R12
10K
R10
100
RSC1
0.010
COM
R33
15k
C3 33nF
R8
3K
R13
402
GND
GND
5
1
T2
STL8P4LLF6
5
1
T3
STL8P4LLF6
CC1
CC2
SCL
SDA
Fault
J24
OUT
D3
GND
GND
Opto
GND
C6
10µF
GND
GND
0
VReg_2V7
15
VReg_1V2
14
VBus-EN_SRC 13
ISense_Disch 8
SCL 5
SDA 6
Opto_DRV
9
Fault 4
CC2 3
CC1 1
VSense_Disch 12
TSense
11
FB
10
VConn_VSys
2
Type-C
Power Delivery
Vdd
16
Gnd
7
U1
STUSB4761
R22
1V2
R1
4.7K
R2
4.7K
R3
4.7K
2V7
C18
10µF
GND
ACDC Primary/Secondary Side
R4
1K
D1
ESDA6V1
GND
STUSB4761
Applications
DS13141 - Rev 3
page 15/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com