Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 2 Page - STMicroelectronics

  STUSB4761 Datasheet HTML 1Page - STMicroelectronics STUSB4761 Datasheet HTML 2Page - STMicroelectronics STUSB4761 Datasheet HTML 3Page - STMicroelectronics STUSB4761 Datasheet HTML 4Page - STMicroelectronics STUSB4761 Datasheet HTML 5Page - STMicroelectronics STUSB4761 Datasheet HTML 6Page - STMicroelectronics STUSB4761 Datasheet HTML 7Page - STMicroelectronics STUSB4761 Datasheet HTML 8Page - STMicroelectronics STUSB4761 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
Functional description
The STUSB4761 is a USB type-C and Power Delivery controller IC optimized for source applications. It integrates
a CC/CV regulation loop to drive a power regulation stage.
The STUSB4761 offers the benefits of a full hardware USB PD stack allowing a robust, deterministic and
safe negotiation in line with USB PD standard. It is ideal for provider applications in which digital or software
intelligence is limited or missing.
The STUSB4761 main functions are:
1.
Detecting the connection between two ports (attach detection)
2.
Establishing a valid source-to-sink connection
3.
Determining the attached device mode: sink or accessory
4.
Checking cable power capabilities
5.
Negotiating a USB PD contract with a PD capable device
6.
Configuring the output power path accordingly
7.
Regulating voltage and current according to PD contract
8.
Monitoring VBUS, managing transitions, handling protections and ensuring user and device safety
In addition, the STUSB4761 offers customizable power data objects (PDO), VBUS under/overvoltage (UVLO /
OVLO) protections, an integrated discharge path.
Figure 1. Block diagram
GND
CC2
CC1
Physical
Layer
port status
VSENSE_DISCH
voltage
monitoring
Discharge
path
Policy
Engine
ISENSE_DISCH
CC
line
access
Protocol
Layer
Device
Policy
Manager
BMC
driver
VCONN_VSYS
VCONN SW
OVP andOCP
CC/CV
FB
OPTO_DRV
FAULT
VDD
POR
Internal
supply
T1
TSENSE
SCL
SDA
I²C
slave
T2
T3
VBUS_EN_SRC
Port C
controller
Status
register
STUSB4761
Functional description
DS13141 - Rev 3
page 2/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com