Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 20Page - STMicroelectronics STUSB4761 Datasheet HTML 21Page - STMicroelectronics STUSB4761 Datasheet HTML 22Page - STMicroelectronics STUSB4761 Datasheet HTML 23Page - STMicroelectronics STUSB4761 Datasheet HTML 24Page - STMicroelectronics STUSB4761 Datasheet HTML 25Page - STMicroelectronics STUSB4761 Datasheet HTML 26Page - STMicroelectronics STUSB4761 Datasheet HTML 27Page - STMicroelectronics STUSB4761 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Revision history
Table 19. Document revision history
Date
Version
Changes
19-Nov-2019
1
Initial release.
20-May-2021
2
Updated Table 18. QFN 16 (3x3 mm) mechanical data.
08-Sep-2021
3
Updated Section 2.3.2 VCONN_VSYS, Section 5.1.1 Power supply,
Section 5.2 Typical application ( up to 60 W- 3 A max.), Section 5.3 Minimal
implementation (up to 60 W-3 A max., no temperature protection, no LED).
Updated Figure 6. Typical implementation, Figure 7. Minimal implementation
and Figure 8. Reference schematic.
STUSB4761
DS13141 - Rev 3
page 24/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com