Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 6Page - STMicroelectronics STUSB4761 Datasheet HTML 7Page - STMicroelectronics STUSB4761 Datasheet HTML 8Page - STMicroelectronics STUSB4761 Datasheet HTML 9Page - STMicroelectronics STUSB4761 Datasheet HTML 10Page - STMicroelectronics STUSB4761 Datasheet HTML 11Page - STMicroelectronics STUSB4761 Datasheet HTML 12Page - STMicroelectronics STUSB4761 Datasheet HTML 13Page - STMicroelectronics STUSB4761 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Figure 4. Current regulation
Table 7. Reference regulation current
PDO voltage
Accuracy@ 27 °C
Typical temperature drift
-40 °C to 27 °C
27 °C to 105 °C
5
[-20 mA; +100 mA]
-80 mA
+ 80 mA
9
[-10 mA; +130 mA]
12
[+20 mA; +160 mA]
15
[+40 mA; +180 mA]
20
[+80 mA; +220 mA]
Table 8. Example
PDO setting
OCP_Threshold setting
CC regulation window@ 27 °C
CC regulation window@ [-40 °C;
105 °C]
15 V; 0.75 A
12.5% - +130 mA
[0.92 A; 1.06 A]
[0.84 A; 1.14 A]
25% - +260 mA
[1.05 A; 1.19 A]
[0.97 A; 1.27 A]
15 V; 2 A
12.5%
[2.29 A; 2.43 A]
[2.21 A; 2.51 A]
25%
[2.54 A; 2.68 A]
[2.46 A; 2.76 A]
3.7
High voltage protection
The STUSB4761 can be safely used in systems or connected to systems that handle high voltage on the VBUS
power path. The device integrates an internal circuitry on the CC pins that tolerates high voltages and ensures
protection up to 22 V in case of unexpected short-circuits with the VBUS.
Short to 22 V is guaranteed as per figure below.
STUSB4761
High voltage protection
DS13141 - Rev 3
page 10/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com