Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 4Page - STMicroelectronics STUSB4761 Datasheet HTML 5Page - STMicroelectronics STUSB4761 Datasheet HTML 6Page - STMicroelectronics STUSB4761 Datasheet HTML 7Page - STMicroelectronics STUSB4761 Datasheet HTML 8Page - STMicroelectronics STUSB4761 Datasheet HTML 9Page - STMicroelectronics STUSB4761 Datasheet HTML 10Page - STMicroelectronics STUSB4761 Datasheet HTML 11Page - STMicroelectronics STUSB4761 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Table 4. Ambient temperature adaptive power and protection
Rising threshold
Hysteresis
Behavior
Re-start
Ta
< 70 °C
Default power profile (PDP_default)
T1
70 °C
10 °C
Temperature safe profile
(PDP_OTP)
New PDO applied with same
voltage but reduced current value.
Customer or application dependent
New negotiation with PDP_OTP
power profile
T2
90 °C
10 °C
Power safe profile (PDP_OTP_div2)
For every PDO, the current of
the previous profile (PDP_OTP) is
divided by 2
New negotiation with
PDP_OTP_div2 power profile
T3
110 °C
10 °C
Alert
Abort negotiation and disconnect.
FAULT signal asserted
VBUS switch open.
The application does not re-start
unless:
1.
VDD goes below POR
threshold
2.
Temperature decreases below
T1. In case same error
occurs again, condition 1)
becomes the only valid re-
start condition
Figure 3. OTP_FSM
Temperature safe profile:
PDP_OTP(1)
T > T1
T1 -10 C < T <T2
T >T2
T< T1 –10 C
Power safe profile:
PDP_OTP_div2(2)
T >T3
T < T2–10 C
SHUT DOWN
T < T1– 10 C (works once)
Or un-plug
Power-ON
T < T1
T < T1
default power profile:
PDP_default(1)
T2 -10 C < T <T3
°
°
°
°
°
STUSB4761
Ambient temperature adaptive power and protection
DS13141 - Rev 3
page 8/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com