Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 3Page - STMicroelectronics STUSB4761 Datasheet HTML 4Page - STMicroelectronics STUSB4761 Datasheet HTML 5Page - STMicroelectronics STUSB4761 Datasheet HTML 6Page - STMicroelectronics STUSB4761 Datasheet HTML 7Page - STMicroelectronics STUSB4761 Datasheet HTML 8Page - STMicroelectronics STUSB4761 Datasheet HTML 9Page - STMicroelectronics STUSB4761 Datasheet HTML 10Page - STMicroelectronics STUSB4761 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
3
Features description
3.1
PDO customization
The STUSB4761 implements a default configuration (cf section §4) stored in a non-volatile-memory (NVM)
and loaded at every power-ON. This configuration can be customized statically to align PD controller behavior
according to final application requirements. Customization applies to various parameters such as: number of
PDO, voltage, current, discharge time, protection thresholds, etc..
Parameter customization is possible:
Either by I²C interface direct access
Or by using specific commands packaged as ST proprietary unstructured VDM when the STUSB4761 is
connected in debug accessory mode (OrientedDebug Accessory.SRC state)
This process is recommended during end product manufacturing or testing. Once parameters have been
overridden in non-volatile-memory, it does not immediately apply. The STUSB4761 must be unpowered first and
new settings will apply after a power-on reset.
3.2
VCONN supply
The STUSB4761 features a 50 mA VCONN power switch with a fixed overcurrent protection (OCP) of 80 mA
typical.
3.3
E-marked cable support
The STUSB4761 can check a type-C cable current capability and clamp to 3 A any PDO that is not compliant with
the attached cable current ratings.
By default, passive cables support up to 3 A. If cable can support more than 3 A current, it must be marked
electronically (EMCA = Electronically Marked Cables Assembly).
Therefore, the STUSB4761 communicates directly with a type-C e-marked cable. This check is performed after
type-C attach and before starting a power negotiation. As a consequence, source power supply exposes any
PDO above 3 A only if cable is identified as able to sustain such current, otherwise PDOs are automatically
clamped to 3 A so that sink never receives erroneous information versus the application sustainability.
The device, which can sink up to 5 A from a capable source, would be notified 3 A max. in case the cable current
capability is not identified properly or not in line with the source capability.
3.4
Ambient temperature adaptive power and protection
The STUSB4761 embeds the temperature measurement and protection mechanism, used to prevent from
ambient overheating conditions. A dedicated pin (TSENSE) is used to sense PCB temperature measured by
an external NTC.
The STUSB4761 adjusts its USB PD output power (PDP) depending on temperature.
The temperature protection mechanism has 3 different thresholds, which can be adjusted with an appropriate
external resistor value (see Section 5.4 Reference schematic (full feature: up to 100 W, temperature adaptive
power, LED)).
STUSB4761
Features description
DS13141 - Rev 3
page 7/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com