Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4761 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STUSB4761
Description  Standalone USB PD controller with integrated CC/CV for AC/DC applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4761 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STUSB4761 Datasheet HTML 5Page - STMicroelectronics STUSB4761 Datasheet HTML 6Page - STMicroelectronics STUSB4761 Datasheet HTML 7Page - STMicroelectronics STUSB4761 Datasheet HTML 8Page - STMicroelectronics STUSB4761 Datasheet HTML 9Page - STMicroelectronics STUSB4761 Datasheet HTML 10Page - STMicroelectronics STUSB4761 Datasheet HTML 11Page - STMicroelectronics STUSB4761 Datasheet HTML 12Page - STMicroelectronics STUSB4761 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
3.5
Data role and VCONN SWAP
The STUSB4761, as a source, can advertise itself as a data host or downstream facing port (DFP). In order to
respond to unstructured message, the STUSB4761 supports incoming data role swap requests from the sink.
When request is acknowledged (if DR_SW_EN = ON), the STUSB4761 becomes UFP.
In the same way, the STUSB4761 supports incoming VCONN swap request from the sink. When the request is
acknowledged, the port remains a source and the DFP/UFP roles remain unchanged.
3.6
Voltage and current regulation
3.6.1
Voltage regulation
Input voltage is sensed on VDD pin. Until a PD contract is negotiated, regulation is set to 5 V. In power delivery
mode, the regulation aligns VBUS value on negotiated voltage value. Voltage regulation accuracy is 3% worst
case.
3.6.2
CC MODE
VBUS current, used for regulation, is measured thanks to a 10 mOhms (default) shunt resistor between VDD
and ISENSE_DISCH pins. In case the measured VBUS current reaches the regulation threshold, the STUSB4761
enters constant current (CC) mode: voltage is decreased down to the undervoltage (UVLO) condition defined
for the selected contract if current does not decrease enough, which triggers the voltage monitoring alert; in this
case, the STUSB4761 goes to error-recovery (see Section 3.8 Hardware fault management).
PDO current can be adjusted from 300 mA up to 5 A.
Below 1 A, current regulation is effective about 130 mA or 260 mA (adjustable OCP threshold) above the
current set.
Above 1 A, current regulation is effective when the measured current overcomes by either 12.5% or 25%
(adjustable OCP threshold) the current regulation reference
When the STUSB4761 is attached in Type-C mode, current regulation threshold is set to the STUSB4761 Rp
value: TYPEC_CURRENT (see Section 4.1 Parameter overview).
When the STUSB4761 is attached in USB PD mode, current regulation reference is set by default to the current
value from the selected source PDO. Other configurations are possible as per table below:
Table 5. Reference regulation current
1
(DEFAULT)
Current from the STUSB4761 PDO selected by the sink:
I_SRC_PDO[RDO object position field]
2
Operating current of sink request:
RDO[operating current field]
3
Maximum operating current of sink request:
RDO[max. operating current field]
Table 6. OCP threshold
1
(DEFAULT)
12.5% above reference regulation current (1)
2
25% above reference regulation current(2)
1. If current > 1 A (otherwise +130 mA if current <1 A)
2. If current > 1 A (otherwise +260 mA if current <1 A)
In the other cases, the current regulation threshold is set to 300 mA:
At Power-On reset exit
When no sink device is attached
STUSB4761
Data role and VCONN SWAP
DS13141 - Rev 3
page 9/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com