Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3EQX10312 Datasheet (PDF) - Diodes Incorporated

PI3EQX10312 Datasheet PDF - Diodes Incorporated
Part # PI3EQX10312
Download  PI3EQX10312 Download
File Size   1457.11 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector

PI3EQX10312 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3EQX10312 Datasheet PDF - Diodes Incorporated

Part # PI3EQX10312
Download  PI3EQX10312 Click to download

File Size   1457.11 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector

PI3EQX10312 Datasheet (HTML) - Diodes Incorporated


PI3EQX10312 Product details

Features
ReDriver
- 10Gbps Serial Link with Linear Equalizer
- Full Compliancy to USB 3.1 Gen-2 and Gen-1 Super-Speed Standard
- 1-to-2 DeMux from Host Tx to Device Rx
- 2-to-1 Mux from Device Tx to Host Rx
- Adjustable Output Linear Swing, Flat Gain and Equalization via I2C or Pin Control
- 100Ω Differential CML I/Os
- Automatic Receiver Detect
- Auto “Slumber” Mode for Adaptive Power Management
- Supply Voltage 3.3V
Plug-in Detector
- USB Type-C Specification 1.3
- Supports SOURCE/SINK/DRP Modes
- Support DRP Modes with Try.SNK/Try.SRC
- Auto-Configure Ports Orientation through CC Detection
- Supports VCONN to Power Active Cables and Other Accessories
- Supports Overcurrent Protection and Overvoltage Protection for VCONN
- Allow Both Pin Control and I2C Interface
- Integrated Power Switches, High-Precision Resistors and Current Sources for CC Pins
- Provides Support for Default USB Power, 1.5A, and 3A SOURCE Modes with I2C Control and Pin Control
- Output Indicator for Plug-in Detection
- Power-Saving Mode
- 24V Tolerance on CC1, CC2 and VBUSDET
- Power Supply Range: 3.0V to 5.0V
- Temperature Range: -40°C to 70°C
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- Packaging (Pb-free & Green): – 42-contact, ZH42 (3.5mm × 9mm)

Applications
- Notebooks
- Mobile Phones
- Tablets
- Docking Station




Similar Part No. - PI3EQX10312

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX1001 DIODES-PI3EQX1001 Datasheet
1Mb / 10P
1-Channel USB3.1 GEN-2 ReDriver
Rev 1 - 2 November 2017
PI3EQX1001XUAEX DIODES-PI3EQX1001XUAEX Datasheet
1Mb / 10P
1-Channel USB3.1 GEN-2 ReDriver
Rev 1 - 2 November 2017
logo
Pericom Semiconductor C...
PI3EQX1002B PERICOM-PI3EQX1002B Datasheet
791Kb / 1P
1-Port USB3.1 GEN-2 ReDriver
logo
Diodes Incorporated
PI3EQX1002B1 DIODES-PI3EQX1002B1 Datasheet
1Mb / 12P
1-Port USB3.1 Gen-2 ReDriver
December 2019
PI3EQX1002B1ZLEX DIODES-PI3EQX1002B1ZLEX Datasheet
1Mb / 12P
1-Port USB3.1 Gen-2 ReDriver
December 2019
More results


Similar Description - PI3EQX10312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Pericom Semiconductor C...
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
logo
Tripp Lite. All Rights ...
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Wurth Elektronik GmbH &...
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Vecow Co., Ltd.
EXBC-1000 VECOW-EXBC-1000 Datasheet
890Kb / 2P
4-port USB 3.1 Gen 2 support up to 10Gbps data transfer
logo
IOGEAR
G2LU3CAM01 IOGEAR-G2LU3CAM01 Datasheet
158Kb / 2P
Charge & Sync Flip USB 3.1 Gen 2 A to USB-C Cable 10Gbps (USB-IF)
logo
Diodes Incorporated
PI3EQX10612 DIODES-PI3EQX10612 Datasheet
646Kb / 1P
10Gbps, 2-Port, USB 3.1 Mux/Demux RedriverTM
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com