Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB302-A Datasheet (PDF) - Pericom Semiconductor Corporation

PI3USB302-A Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3USB302-A
Download  PI3USB302-A Download
File Size   1002.93 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch

PI3USB302-A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3USB302-A Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3USB302-A
Download  PI3USB302-A Click to download

File Size   1002.93 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch

PI3USB302-A Datasheet (HTML) - Pericom Semiconductor Corporation




Similar Part No. - PI3USB302-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3031 DIODES-PI3USB3031 Datasheet
1Mb / 10P
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
Rev 3-2 January 2024
PI3USB3031 DIODES-PI3USB3031 Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
PI3USB3031XUAEX DIODES-PI3USB3031XUAEX Datasheet
1Mb / 10P
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
Rev 3-2 January 2024
PI3USB3031XUAEX DIODES-PI3USB3031XUAEX Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
PI3USB3031ZNEX DIODES-PI3USB3031ZNEX Datasheet
1Mb / 10P
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
Rev 3-2 January 2024
More results


Similar Description - PI3USB302-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
USB 3.0, 4:1 Mux/DeMux Switch
PI3PCIE2215 PERICOM-PI3PCIE2215 Datasheet
409Kb / 10P
3.3V, PCI Express 1-lane, 2:1 Mux/DeMux Switch
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
PI3PCIE3415 PERICOM-PI3PCIE3415_13 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com