Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3EQX10612 Datasheet (PDF) - Diodes Incorporated

PI3EQX10612 Datasheet PDF - Diodes Incorporated
Part # PI3EQX10612
Download  PI3EQX10612 Download
File Size   646.22 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10Gbps, 2-Port, USB 3.1 Mux/Demux RedriverTM

PI3EQX10612 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3EQX10612 Datasheet PDF - Diodes Incorporated

Part # PI3EQX10612
Download  PI3EQX10612 Click to download

File Size   646.22 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 10Gbps, 2-Port, USB 3.1 Mux/Demux RedriverTM

PI3EQX10612 Datasheet (HTML) - Diodes Incorporated


PI3EQX10612 Product details

Features
- 10Gbps serial link with linear equalizer
- Full Compliancy to USB 3.1 Gen-2 and Gen-1 Super Speed
Standard
- 1 to 2 DeMux from host Tx to device Rx
- 2 to 1 Mux from device Tx to host Rx
- Adjustable output linear swing, flat gain and equalization via
I2C or Pin control
- 100ohm Differential CML I/O’s
- Automatic Receiver Detect
- Auto “Slumber” mode for adaptive power management
- Supply Voltage 3.3V
- Temperature Range: -40oC to 70oC
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)
- Packaging (Pb-free & Green):
- 42-contact TQFN (9mm x3.5mm) (ZH)

Applications
- Notebooks
- Mobile Phones
- Tablets
- Docking Station




Similar Part No. - PI3EQX10612

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX1064 DIODES-PI3EQX1064 Datasheet
652Kb / 1P
2-Port USB 3.2 Gen 2 10Gbps ReDriver
Rev 1 April 2024
PI3EQX1064ZTFAEX DIODES-PI3EQX1064ZTFAEX Datasheet
652Kb / 1P
2-Port USB 3.2 Gen 2 10Gbps ReDriver
Rev 1 April 2024
More results


Similar Description - PI3EQX10612

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
4-Port 2-Channel, 2:1 Mux/DeMux Switch
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
logo
Vecow Co., Ltd.
EXBC-1000 VECOW-EXBC-1000 Datasheet
890Kb / 2P
4-port USB 3.1 Gen 2 support up to 10Gbps data transfer
logo
Diodes Incorporated
PI3EQX10312 DIODES-PI3EQX10312 Datasheet
1Mb / 26P
10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector
Rev 3 - 2 March 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com