Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHDMI2BB4 Datasheet (PDF) - Nexperia B.V. All rights reserved

PHDMI2BB4 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PHDMI2BB4
Download  PHDMI2BB4 Download
File Size   175.75 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode array

PHDMI2BB4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHDMI2BB4 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PHDMI2BB4
Download  PHDMI2BB4 Click to download

File Size   175.75 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode array

PHDMI2BB4 Datasheet (HTML) - Nexperia B.V. All rights reserved


PHDMI2BB4 Product details

1. General description
Extremely low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode array, part
of the TrEOS protection family. This device is housed in a DFN2510A-10 (SOT1176) leadless ultra
small Surface-Mounted Device (SMD) plastic package, designed to protect four signal lines from
the damage caused by ESD and other transients.

2. Features and benefits
• Bidirectional ESD protection for four signal lines
• VRWM = 3.3 V device
• Extremely low clamping voltage to protect sensitive I/Os
• Extremely low clamping voltage: 5.4 V for 6.5 A 8/20 μs surge
• IEC 61000-4-4 robust up to 40 A into a 50 Ohm termination (2 kV)
• IEC 61000-4-5 (surge): IPP = 8.3 A peak pulse (average measured)
• Extremely low diode capacitance Cd = 0.17 pF typical at 1.5 V
• ESD protection up to ±15 kV according to IEC 61000-4-2
• Leadless ultra small DFN2510A-10 (SOT1176) surface mount package

3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• USB3.2 and HDMI2.1 data lines




Similar Part No. - PHDMI2BB4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHDMI2AB4 NEXPERIA-PHDMI2AB4 Datasheet
811Kb / 14P
ESD protection for ultra high-speed interfaces
8 June 2018
PHDMI2AB4Z NEXPERIA-PHDMI2AB4Z Datasheet
811Kb / 14P
ESD protection for ultra high-speed interfaces
8 June 2018
PHDMI2F4 NEXPERIA-PHDMI2F4 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
PHDMI2FC4 NEXPERIA-PHDMI2FC4 Datasheet
197Kb / 7P
Very low capacitance unidirectional ESD protection diode array
27 September 2024
PHDMI2FR4 NEXPERIA-PHDMI2FR4 Datasheet
1Mb / 13P
ESD protection for ultra high-speed interfaces
27 April 2018
More results


Similar Description - PHDMI2BB4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1BSF PHILIPS-PESD5V0F1BSF_15 Datasheet
356Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-10 December 2012
PESD5V0X1BCL PHILIPS-PESD5V0X1BCL_15 Datasheet
400Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-12 March 2012
logo
Nexperia B.V. All right...
PESD5V0F1BSF NEXPERIA-PESD5V0F1BSF Datasheet
239Kb / 13P
Extremely low capacitance bidirectional ESD protection diode
PESD5V0X1BCAL-Q NEXPERIA-PESD5V0X1BCAL-Q Datasheet
215Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
1 June 2022
PESD2V0Y1BSF NEXPERIA-PESD2V0Y1BSF Datasheet
1Mb / 15P
Extremely low capacitance bidirectional ESD protection diode
1 March 2021
PESD2V5Y1BSF NEXPERIA-PESD2V5Y1BSF Datasheet
603Kb / 14P
Extremely low capacitance bidirectional ESD protection diode
8 April 2021
PESD3V3R1BSF NEXPERIA-PESD3V3R1BSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
12 March 2021
PESD3V6Z1BCSF NEXPERIA-PESD3V6Z1BCSF Datasheet
699Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 March 2021
PUSB3BB4 NEXPERIA-PUSB3BB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
10 August 2023
PUSB3CB4 NEXPERIA-PUSB3CB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
8 August 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com