Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3BB4 Datasheet (PDF) - Nexperia B.V. All rights reserved

PUSB3BB4 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUSB3BB4
Download  PUSB3BB4 Download
File Size   172.7 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode array

PUSB3BB4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PUSB3BB4 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUSB3BB4
Download  PUSB3BB4 Click to download

File Size   172.7 Kbytes
Page   7 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Extremely low capacitance bidirectional ESD protection diode array

PUSB3BB4 Datasheet (HTML) - Nexperia B.V. All rights reserved


PUSB3BB4 Product details

1. General description
Extremely low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode array, part
of the TrEOS protection family. This device is housed in a DFN2510A-10 (SOT1176) leadless ultra
small Surface-Mounted Device (SMD) plastic package, designed to protect four signal lines from
the damage caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection for four signal lines
• VRWM = 3.3 V device
• Extremely low clamping voltage to protect sensitive I/Os
• Extremely low clamping voltage: 5.4 V for 6.5 A 8/20 μs surge
• IEC 61000-4-4 robust up to 40 A into a 50 Ohm termination (2 kV)
• IEC 61000-4-5 (surge): IPP = 8.3 A peak pulse (average measured)
• Extremely low diode capacitance Cd = 0.17 pF typical at 1.5 V
• ESD protection up to ±15 kV according to IEC 61000-4-2
• Leadless ultra small DFN2510A-10 (SOT1176) surface mount package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• USB3.2 and HDMI2.1 data lines




Similar Part No. - PUSB3BB4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3BB2DF NEXPERIA-PUSB3BB2DF Datasheet
1Mb / 15P
Extremely low clamping low capacitance ESD protection
3 November 2020
PUSB3BB2DF NEXPERIA-PUSB3BB2DF Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PUSB3BB2DF NEXPERIA-PUSB3BB2DF Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results


Similar Description - PUSB3BB4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0F1BSF PHILIPS-PESD5V0F1BSF_15 Datasheet
356Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-10 December 2012
PESD5V0X1BCL PHILIPS-PESD5V0X1BCL_15 Datasheet
400Kb / 12P
Extremely low capacitance bidirectional ESD protection diode
Rev. 1-12 March 2012
logo
Nexperia B.V. All right...
PESD5V0F1BSF NEXPERIA-PESD5V0F1BSF Datasheet
239Kb / 13P
Extremely low capacitance bidirectional ESD protection diode
PESD5V0X1BCAL-Q NEXPERIA-PESD5V0X1BCAL-Q Datasheet
215Kb / 10P
Extremely low capacitance bidirectional ESD protection diode
1 June 2022
PESD2V0Y1BSF NEXPERIA-PESD2V0Y1BSF Datasheet
1Mb / 15P
Extremely low capacitance bidirectional ESD protection diode
1 March 2021
PESD2V5Y1BSF NEXPERIA-PESD2V5Y1BSF Datasheet
603Kb / 14P
Extremely low capacitance bidirectional ESD protection diode
8 April 2021
PESD3V3R1BSF NEXPERIA-PESD3V3R1BSF Datasheet
152Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
12 March 2021
PESD3V6Z1BCSF NEXPERIA-PESD3V6Z1BCSF Datasheet
699Kb / 16P
Extremely low capacitance bidirectional ESD protection diode
2 March 2021
PESD15VW1ACSF NEXPERIA-PESD15VW1ACSF Datasheet
156Kb / 7P
Extremely low capacitance bidirectional ESD protection diode
19 January 2022
PUSB3CB4 NEXPERIA-PUSB3CB4 Datasheet
172Kb / 7P
Extremely low capacitance bidirectional ESD protection diode array
8 August 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com