Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3BB4 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PUSB3BB4
Description  Extremely low capacitance bidirectional ESD protection diode array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3BB4 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PUSB3BB4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3BB4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3BB4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3BB4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3BB4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3BB4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3BB4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Nexperia
PUSB3BB4
Extremely low capacitance bidirectional ESD protection diode array
8. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1176-2
- - -
sot1176-2_po
21-07-05
21-07-06
0
1
2 mm
scale
X
c
L (10x)
10
6
b
(10x)
e1
e
A
C
B
v
C
w
A1
A
detail X
B
D
A
E
terminal 1
index area
C
2x
u
C
2x
u
10x
C
y
C
SEATING PLANE
Unit(1)
mm
max
nom
min
0.5 0.05
0.00
0.25
0.20
0.15
0.2
2.5 1.0
0.5
0.40
0.35
0.30
0.1
A
Dimensions
A1
c
0.127
REF
b
D
E
e
e1
2.0
k
L
v
0.1
u
w
0.05
y
0.05
y1
0.05
C
y1
5
1
k
terminal 1
index area
DFN2510A-10: plastic, extremely thin small outline package; no leads; 10 terminals; body 1.0 x 2.5 x 0.5 mm
SOT1176-2
Fig. 1. Package outline DFN2510A-10 (SOT1176-2)
PUSB3BB4_SDS
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Short data sheet
10 August 2023
3 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com