Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7496 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7496 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7496
Download  ANX7496 Download
File Size   211.29 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 8.1G DisplayPort™ 4-lanes Re-timer

ANX7496 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7496 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7496
Download  ANX7496 Click to download

File Size   211.29 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 8.1G DisplayPort™ 4-lanes Re-timer

ANX7496 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7496 Product details

Features
 Built-in re-timers
- Integrated re-timers (Link training-tunable PHY repeater) for DisplayPort up to HBR3 @ 8.1Gbps
- Supports both transparent mode and nontransparent mode (transparent or LTTPR)
- Loss compensation to recover up to 27dB channel loss
 Integrated AUX pass-through
- Integrated AUX detection for link training and protocol awareness for better link power
management (LPM)
 Reference clock for re-timer
- Utilizes a 24MHz reference XTAL or 1.05V singleended clock source
 Serial and debug interfaces
- I2C Slave interface, up to 1MHz, for re-timer configuration
 Industry standard compatibility
- DisplayPort 1.4 specification
 Low-power design
- Analog power supply at 1.8V
- Dedicated supply power pin for I/O power at 1.8V
 Packages
- BGA-56, 4.0mm x 4.5mm, 0.5mm ball-pitch
- QFN-60, 7.0mm x 7.0mm, 0.85mm Z-height, 0.4mm pin-pitch
 Commercial temperature range of 0C to 70C

Applications
Notebooks, desktops, and 2-in-1s




Similar Part No. - ANX7496

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7496 ANALOGIX-ANX7496 Datasheet
221Kb / 2P
10G Active Mux (1x2) with Integrated Re-timer for USB 3.1
April 2018
ANX7496 ANALOGIX-ANX7496 Datasheet
204Kb / 2P
10G USB 3.1 Re-timer (1-Port)
April 2018
ANX7496 ANALOGIX-ANX7496 Datasheet
861Kb / 3P
SlimPort® (4K Ultra-HD) Receiver
April 2018
More results


Similar Description - ANX7496

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BBT3421 INTERSIL-BBT3421 Datasheet
147Kb / 2P
4 Channel Multi-rate Intelligent CMOS Re-Timer
logo
Texas Instruments
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Axiomtek Co., Ltd.
CEM831 AXIOMTEK-CEM831 Datasheet
244Kb / 1P
19 lanes for PCIe
logo
Texas Instruments
SN65DSI86 TI-SN65DSI86 Datasheet
990Kb / 68P
Embedded DisplayPort (eDP) 1.4 Compliant Supporting 1, 2, or 4 Lanes at 1.62Gbps (RBR)
SN65DPHY440SS TI1-SN65DPHY440SS Datasheet
578Kb / 31P
SNx5DPHY440SS CSI-2/DSI DPHY Re-timer
SN75DP139 TI1-SN75DP139_15 Datasheet
1Mb / 43P
DisplayPort to TMDS Level-Shifting Re-Driver
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
4-Channel Video Re-Driver with Equalization
logo
Western Digital Corpora...
WD4000FYYZ WESTERN-WD4000FYYZ Datasheet
696Kb / 2P
WD Re™ Datacenter Capacity HDD
May 2016
logo
Diodes Incorporated
PI3VDP12412 DIODES-PI3VDP12412 Datasheet
926Kb / 12P
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
logo
Texas Instruments
TLC555 TI1-TLC555_V02 Datasheet
992Kb / 42P
TLC555 LinCMOS™ Timer
REVISED JULY 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com