Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX9837 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX9837 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX9837
Download  ANX9837 Download
File Size   182.39 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description DisplayPort 1.4 to HDMI2.0b Converter

ANX9837 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX9837 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX9837
Download  ANX9837 Click to download

File Size   182.39 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description DisplayPort 1.4 to HDMI2.0b Converter

ANX9837 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX9837 Product details

Features
 VESA DisplayPortTM (DP) v1.4 compliant receiver
- 1, 2 and 4 lanes up to HBR3 (8.1Gbps) input
- 1 MHz AUX Channel
- Horizontal Blanking Expansion Operation
- 27dB insertion loss recovery
 HDMI Specification v2.0b compliant transmitter
- TMDS scrambling up to 600MHz pixel clock rate
- Support up to 4096x2160@60Hz
- SCDC (Status and Control Data Channel)
- CEC2.0
 Support HDCP2.3, HDCP2.2 and HDCP1.4 repeater with HDCP keys inside
 Video stream
- Support High Dynamic Range (HDR) metadata
- Support 3D timing
 Audio Stream
- Max audio sample rate of 192KHz x8 channels
- 8-ch LPCM, compressed audio (AC-3, DTS)
 Integrated reference clock
 On chip micro-controller (OCM) and integrated memory
 Serial and debug interfaces
- Support I2C Slave and master interface, up to 1MHz
- Re-purpose GPIOs for UART or I2C master interface
 Support 3.3V and 0.9V power supply
 Flexible Firmware update methods
 Package
- QFN-48, 6mmx6mm, 0.4mm pin-pitch
 Commercial temperature range of 0C to 70C
 HBM 4KV




Similar Part No. - ANX9837

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX9837 ANALOGIX-ANX9837 Datasheet
184Kb / 2P
USB Type-C to HDMI2.0b Converter
December 2019
ANX9837 ANALOGIX-ANX9837 Datasheet
327Kb / 2P
USB Type-C to HDMI2.0b Converter with Charging Function
December 2019
ANX9837 ANALOGIX-ANX9837 Datasheet
115Kb / 2P
DisplayPort™ to HDMI® (Ultra-HD, 4K) Converter
February 2016
More results


Similar Description - ANX9837

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCDP2900 ETC2-MCDP2900 Datasheet
138Kb / 7P
DisplayPort 1.4 to HDMI 2.0a protocol converter
logo
IOGEAR
G2LDPDP14 IOGEAR-G2LDPDP14 Datasheet
143Kb / 2P
DisplayPort 1.4 Male-to-Male 6 Ft. Cable
GDP14RPT IOGEAR-GDP14RPT Datasheet
150Kb / 2P
DisplayPort 1.4 8K Repeater
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
2-Port 8K DisplayPort 1.4 Switch
logo
Kinetic Technologies.
MCDP2800 KINETIC-MCDP2800 Datasheet
146Kb / 5P
DisplayPort1.2a to HDMI2.0b Level Shifter/Protocol Converter
February 2020 - Revision 03a
MCDP2900 KINETIC-MCDP2900 Datasheet
240Kb / 5P
DisplayPort1.4a to HDMI2.0b Protocol Converter with HDCP2.3 Repeater
July 2021 - Revision 03b
MCDP5250 KINETIC-MCDP5250 Datasheet
264Kb / 6P
DisplayPort1.4a to HDMI2.0b Protocol Converter
August 2020 - Revision 03a
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
logo
STMicroelectronics
STDP2690 STMICROELECTRONICS-STDP2690 Datasheet
237Kb / 8P
Advanced DisplayPort to DisplayPort (dual mode) converter
June 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com