Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP2690 Datasheet (PDF) - STMicroelectronics

STDP2690 Datasheet PDF - STMicroelectronics
Part # STDP2690
Download  STDP2690 Download
File Size   237.94 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced DisplayPort to DisplayPort (dual mode) converter

STDP2690 Datasheet (PDF)

Go To PDF Page Download Datasheet
STDP2690 Datasheet PDF - STMicroelectronics

Part # STDP2690
Download  STDP2690 Click to download

File Size   237.94 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Advanced DisplayPort to DisplayPort (dual mode) converter

STDP2690 Datasheet (HTML) - STMicroelectronics


STDP2690 Product details

Features
■ DisplayPort® (DP) transmitter – DP 1.2 compliant – Link rate HBR2/HBR/RBR – 1, 2, or 4 lanes – AUX CH 1 Mbps – HDMI/DVI operation with level translator
■ DisplayPort receiver – DP 1.2 compliant – Link rate HBR2/HBR/RBR – 1, 2, or 4 lanes – AUX CH 1 Mbps
■ SPDIF audio output – 192 kHz/24 bits – Compressed/LPCM
■ HDCP repeater with embedded keys
■ AUX to I2C bridge for EDID/MCCS pass through
■ Spread spectrum on DisplayPort interface for EMI reduction
■ Device configuration options – SPI Flash – I2C host interface
■ Deep color support – RGB/YCC (4:4:4) – 16-bit color – YCC (4:2:2/4:2:0) – 16-bit color – Color space conversion – YUV to RGB and RGB to YUV
■ Bandwidth – Video resolution up to 4K x 2K @ 30 Hz; 1920 x 1080 @ 120 Hz – Audio 7.1 Ch up to 192 kHz sample rate
■ Low power operation; active 500 mW, standby 25 mW

Applications
■ Audio-video accessory (dongle) for PC/notebooks and docking stations
■ Thunderbolt source and peripheral devices DP++ Output SPDIF Audio DP Input SPDIF Transmitter Clock Generation OCM, SPI I2C to AUX Bridge I2C Slave Video Format Converter Image Capture DP Dual Mode Transmitter DP Receiver AUX DDC Controller DDC




Similar Part No. - STDP2690

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
STDP2690-AD KINETIC-STDP2690-AD Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
STDP2690-ADT KINETIC-STDP2690-ADT Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
More results


Similar Description - STDP2690

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort
0687830017 MOLEX8-0687830017 Datasheet
208Kb / 3P
DisplayPort*-to-DisplayPort* Cable Assembly
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
DisplayPort to DisplayPort Cable - 6ft
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
Mini DisplayPort to DisplayPort Cable - 6ft
logo
Kinetic Technologies.
STDP2550 KINETIC-STDP2550 Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2600 KINETIC-STDP2600 Datasheet
326Kb / 4P
Advanced HDMI to DisplayPort Converter
October 2020 - Revision 03b
STDP2650 KINETIC-STDP2650 Datasheet
168Kb / 5P
Advanced DisplayPort to HDMI converter
September 2022 - Revision 03d
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
logo
Chrontel, Inc.
CH7517 CHRONTEL-CH7517 Datasheet
204Kb / 7P
CH7517 DisplayPort to VGA Converter
Rev 1.2 2020-7-14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com