Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP2690 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STDP2690
Description  Advanced DisplayPort to DisplayPort (dual mode) converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP2690 Datasheet(HTML) 2 Page - STMicroelectronics

  STDP2690 Datasheet HTML 1Page - STMicroelectronics STDP2690 Datasheet HTML 2Page - STMicroelectronics STDP2690 Datasheet HTML 3Page - STMicroelectronics STDP2690 Datasheet HTML 4Page - STMicroelectronics STDP2690 Datasheet HTML 5Page - STMicroelectronics STDP2690 Datasheet HTML 6Page - STMicroelectronics STDP2690 Datasheet HTML 7Page - STMicroelectronics STDP2690 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Description
STDP2690
2/8
Doc ID 23267 Rev 1
1
Description
The STDP2690 is a high-speed DisplayPort to DisplayPort dual mode converter IC targeted
for applications such as audio-video accessories, docking stations, Thunderbolt storage
devices, etc. This device includes a VESA DP Standard Ver. 1.2 compliant receiver and
transmitter, implementing single link DisplayPort input and output ports comprising four Main
lanes, AUX CH, and HPD.
The STDP2690 uses ST's latest generation DisplayPort dual mode transmitter technology
that supports both DisplayPort and TMDS signal formats (DP++). DisplayPort receiver and
transmitter support HBR2 speed, a data rate of 5.4 Gbps per lane with a total bandwidth of
21.6 Gbps link rate. In addition, the transmitter is capable of supporting HDMI or single link
DVI output through a passive level translator (dongle). When configured as HDMI output,
this device supports link rate up to 2.97 Gbps that corresponds to a pixel rate of 297 MHz,
quite adequate for handling video timings up to FHD 120 Hz 3D formats. This device
delivers deep color video up to 16-bits per color at 1080p 60 Hz and lower video resolutions.
The STDP2690 allows audio transport from the source to desired audio rendering devices
over the DP++ output or through the SPDIF port. The audio signal from the source can be
routed simultaneously to DP++ and SPDIF output ports. For example, the STDP2690 allows
routing of any two audio channels on the SPDIF port, while transporting up to eight
channels on the DP++ port.
The STDP2690 supports RGB and YCbCr colorimetric formats with color depth of 16, 12,
10, and 8 bits. This device features HDCP 1.3 content protection scheme with an embedded
key option for secure transmission of digital audio-video content. It also operates as an
HDCP repeater for the downstream sink.
The AUX-to-I2C translator in the STDP2690 allows the upstream DisplayPort source to
access EDID and transfer MCCS commands to a downstream sink over the HDMI interface
when used with a level translator. The device has an on-chip microcontroller with SPI and
I2C host interface for system configuration purposes. STDP2690 can be configured with an
external SPI Flash for custom applications or simply configured from an external host
controller through I2C interface.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com