Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP2690 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDP2690
Description  Advanced DisplayPort to DisplayPort (dual mode) converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP2690 Datasheet(HTML) 1 Page - STMicroelectronics

  STDP2690 Datasheet HTML 1Page - STMicroelectronics STDP2690 Datasheet HTML 2Page - STMicroelectronics STDP2690 Datasheet HTML 3Page - STMicroelectronics STDP2690 Datasheet HTML 4Page - STMicroelectronics STDP2690 Datasheet HTML 5Page - STMicroelectronics STDP2690 Datasheet HTML 6Page - STMicroelectronics STDP2690 Datasheet HTML 7Page - STMicroelectronics STDP2690 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For further information contact your local STMicroelectronics sales office.
June 2012
Doc ID 23267 Rev 1
1/8
8
STDP2690
Advanced DisplayPort to DisplayPort (dual mode) converter
Data brief
Features
■ DisplayPort® (DP) transmitter
– DP 1.2 compliant
– Link rate HBR2/HBR/RBR
– 1, 2, or 4 lanes
– AUX CH 1 Mbps
– HDMI/DVI operation with level translator
■ DisplayPort receiver
– DP 1.2 compliant
– Link rate HBR2/HBR/RBR
– 1, 2, or 4 lanes
– AUX CH 1 Mbps
■ SPDIF audio output
– 192 kHz/24 bits
– Compressed/LPCM
■ HDCP repeater with embedded keys
■ AUX to I2C bridge for EDID/MCCS pass
through
■ Spread spectrum on DisplayPort interface for
EMI reduction
■ Device configuration options
– SPI Flash
– I2C host interface
■ Deep color support
– RGB/YCC (4:4:4) – 16-bit color
– YCC (4:2:2/4:2:0) – 16-bit color
– Color space conversion – YUV to RGB and
RGB to YUV
■ Bandwidth
– Video resolution up to 4K x 2K @ 30 Hz;
1920 x 1080 @ 120 Hz
– Audio 7.1 Ch up to 192 kHz sample rate
■ Low power operation; active 500 mW, standby
25 mW
■ Package
–81 BGA (8 x 8 mm)
■ Power supply voltages
– 3.3 V I/O; 1.2 V core
Applications
■ Audio-video accessory (dongle) for
PC/notebooks and docking stations
■ Thunderbolt source and peripheral devices
DP++
Output
SPDIF
Audio
DP Input
SPDIF
Transmitter
Clock
Generation
OCM, SPI
I2C to AUX
Bridge
I2C Slave
Video Format
Converter
Image
Capture
DP Dual Mode
Transmitter
DP
Receiver
AUX
DDC
Controller
DDC
www.st.com


Similar Part No. - STDP2690

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
STDP2690-AD KINETIC-STDP2690-AD Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
STDP2690-ADT KINETIC-STDP2690-ADT Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
More results

Similar Description - STDP2690

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort
0687830017 MOLEX8-0687830017 Datasheet
208Kb / 3P
DisplayPort*-to-DisplayPort* Cable Assembly
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
DisplayPort to DisplayPort Cable - 6ft
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
Mini DisplayPort to DisplayPort Cable - 6ft
logo
Kinetic Technologies.
STDP2550 KINETIC-STDP2550 Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2600 KINETIC-STDP2600 Datasheet
326Kb / 4P
Advanced HDMI to DisplayPort Converter
October 2020 - Revision 03b
STDP2650 KINETIC-STDP2650 Datasheet
168Kb / 5P
Advanced DisplayPort to HDMI converter
September 2022 - Revision 03d
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
logo
Chrontel, Inc.
CH7517 CHRONTEL-CH7517 Datasheet
204Kb / 7P
CH7517 DisplayPort to VGA Converter
Rev 1.2 2020-7-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com