Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP2690 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STDP2690
Description  Advanced DisplayPort to DisplayPort (dual mode) converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP2690 Datasheet(HTML) 5 Page - STMicroelectronics

  STDP2690 Datasheet HTML 1Page - STMicroelectronics STDP2690 Datasheet HTML 2Page - STMicroelectronics STDP2690 Datasheet HTML 3Page - STMicroelectronics STDP2690 Datasheet HTML 4Page - STMicroelectronics STDP2690 Datasheet HTML 5Page - STMicroelectronics STDP2690 Datasheet HTML 6Page - STMicroelectronics STDP2690 Datasheet HTML 7Page - STMicroelectronics STDP2690 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STDP2690
Feature attributes
Doc ID 23267 Rev 1
5/8
3.4
Supported video timings
●
4096 x 2160 (4K x 2K) 60 Hz: 24 bits/pixel (DP to DP only)
●
4096 x 2160 (4K x 2K) 24 Hz/30 Hz: 24 bits/pixel (DP to HDMI)
●
1920 x 1080 (FHD) 120 Hz: 24 bits/pixel
●
2560 x 1600 (WQXGA) 60 Hz: 24 bits/pixel
●
Up to 1920 x 1080 (FHD) 60 Hz, 48, 36, 30 bits/pixel
●
All compatible 3D formats defined in DP 1.2 and HDMI 1.4 specifications
●
All standard CEA861 timing formats
3.5
Supported audio timings
●
All audio formats as specified in DP 1.2 and HDMI 1.4 specifications
●
SPDIF; 2-Ch LPCM, AC3, DTS, bit depth up to 24 bits, sample rate up to 192 kHz
3.6
Control channel interfaces
●
AUX CH, I2C host interface, SPI (optional), and UART (UART for test/debug purposes
only)
3.7
HDCP 1.3 support
●
Key sets for DP RX and DP/HDMI TX integrated in one-time programmable ROM
(OTP)
●
Standalone HDCP repeater capability
3.8
Package
●
81 BGA (8 x 8 mm), 0.8 ball pitch
3.9
Power supply voltages
●
3.3 V I/O; 1.2 V core
3.10
ESD
●
2 KV HBM, 500 V CDM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com