Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDP2690 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STDP2690
Description  Advanced DisplayPort to DisplayPort (dual mode) converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP2690 Datasheet(HTML) 4 Page - STMicroelectronics

  STDP2690 Datasheet HTML 1Page - STMicroelectronics STDP2690 Datasheet HTML 2Page - STMicroelectronics STDP2690 Datasheet HTML 3Page - STMicroelectronics STDP2690 Datasheet HTML 4Page - STMicroelectronics STDP2690 Datasheet HTML 5Page - STMicroelectronics STDP2690 Datasheet HTML 6Page - STMicroelectronics STDP2690 Datasheet HTML 7Page - STMicroelectronics STDP2690 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Feature attributes
STDP2690
4/8
Doc ID 23267 Rev 1
3
Feature attributes
3.1
Input interface
●
DP standard Ver. 1.2 compliant
●
Main link configuration (SST format only, no MST format support)
–
HBR2/HBR/RBR link rate
–
1, 2, or 4 lanes
●
AUX CH: 1 Mbps Manchester transaction format
●
HPD: IRQ_HPD assertion
●
Video: EDID 1.4 and CEA861 video timing and formats from 24 to 48 bits/pixel in RGB
or YCC422 or YcC444 colorimetry
●
Audio: DisplayPort 1.2 standard info frame packets andIEC60958/61937 type audio
stream packets ranging from 16 to 24 bits/sample, 32 to 192 kHz sample rates
3.2
Output interface
●
DP++ transmitter interface featuring
–
AC coupled DisplayPort Ver. 1.2 interface
–
AC coupled HDMI 1.4 interface to external level translators
●
DP main link configuration (SST format only, no MST format support)
–
HBR2/HBR/RBR link rate
–
1, 2, or 4 lanes
●
AUX CH: Manchester transaction format
●
HPD: IRQ_HPD assertion
●
Video: EDID 1.4 and CEA861 video timing and formats from 24 to 48 bits/pixel in RGB
or YCC422 or YcC444 colorimetry
●
Audio: DisplayPort 1.2 standard info frame packets and IEC60958/61937 type audio
stream packets ranging from 16 to 24 bits/sample, 32 to 192 kHz sample rates
●
HDMI link rate: 2.97 Gbps/data pair max
3.3
Deep color support
●
RGB/YCC (4:4:4) – 16-bit color
●
YCC (4:2:2/4:2:0) – 16-bit color
●
Color space conversion – YUV to RGB and RGB to YUV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com