Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7530 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7530 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7530
Download  ANX7530 Download
File Size   179.67 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort® (4K Ultra-HD) Receiver

ANX7530 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7530 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7530
Download  ANX7530 Click to download

File Size   179.67 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort® (4K Ultra-HD) Receiver

ANX7530 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7530 Product details

Features
 Standard compliance
- DisplayPort1.4, HDCP2.2/1.4
- MIPI-DSI 1.2 and D-PHY 1.1
 DisplayPort Receiver
- DisplayPort1.4 receiver
- Configurable 1, 2 or 4-lane input supports: HBR2.5 (6.75Gbps), HBR2 (5.4Gbps), HBR (2.7Gbps), and RBR (1.62Gbps) data rates
- Horizontal left / right line splitting
- 3D stereo modes
- HDCP2.2 and HDCP1.4 support
 Resolution
- DisplayPort Receiver Input Bandwidth supports up to 4K x 2K x 60Hz
 Dual MIPI DSI transmitter interface outputs
- Single MIPI ports per display output
- Display synchronization
- 4-MIPI lanes total per MIPI interface output
- MIPI-DSI data rates up to 1.5 Gbps per lane
 3:1 DSC (VESA) on it MIPI Output Transmitters
 System operation and power supply
- Slave I2C interface
- 1.0V and 1.8V
 I2S Stereo Audio Output
- 2-channels, 192Khz sample rate
- Up to 8-channels TDM
 Package: 100-pin BGA, 5mm x 5mm




Similar Part No. - ANX7530

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7530 ANALOGIX-ANX7530 Datasheet
183Kb / 2P
SlimPort짰 (4K Ultra-HD) Receiver
ANX7530 ANALOGIX-ANX7530 Datasheet
861Kb / 3P
SlimPort® (4K Ultra-HD) Receiver
April 2018
ANX7530 ANALOGIX-ANX7530 Datasheet
179Kb / 2P
SlimPort® DisplayPort to Single MIPI Receiver
December 2016
ANX7530 ANALOGIX-ANX7530 Datasheet
176Kb / 2P
HDMI to DisplayPort Bridge Controller
September 2017
More results


Similar Description - ANX7530

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7530 ANALOGIX-ANX7530 Datasheet
183Kb / 2P
SlimPort짰 (4K Ultra-HD) Receiver
logo
IOGEAR
GHSP8422 IOGEAR-GHSP8422 Datasheet
148Kb / 3P
4K Ultra HD 2-Port Splitter with HDMI Connectors
GHSP8424 IOGEAR-GHSP8424 Datasheet
160Kb / 3P
4K Ultra HD 4-Port Splitter with HDMI Connectors
GWLR4K60RX IOGEAR-GWLR4K60RX Datasheet
141Kb / 2P
Ultra Long-Range Wireless 4K @ 60Hz Video Receiver
logo
List of Unclassifed Man...
ED-CM4MED10-1820-P ETC-ED-CM4MED10-1820-P Datasheet
4Mb / 4P
A Very Thin 4K Ultra HD Streaming Media Computer
2022-10-24
logo
Digital View Ltd
DT-4096 DIGITALVIEW-DT-4096 Datasheet
903Kb / 2P
4K Ultra-HD LCD Controller
HSP-4096 DIGITALVIEW-HSP-4096 Datasheet
1Mb / 2P
4K Ultra-HD LCD Controller with Failover Messaging or Media
HX-4096 DIGITALVIEW-HX-4096 Datasheet
454Kb / 2P
4K Ultra-HD LCD controller for harsher environments
Feb 2020 v1.1
SVX-4096-120 DIGITALVIEW-SVX-4096-120 Datasheet
992Kb / 2P
4K Ultra-HD LCD Controller
Dec 2016 v1.0
SVX-4096 DIGITALVIEW-SVX-4096 Datasheet
770Kb / 2P
4K Ultra-HD LCD Controller
April 2016 v1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com