Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7530 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7530 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7530
Download  ANX7530 Download
File Size   176.62 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description HDMI to DisplayPort Bridge Controller

ANX7530 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7530 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7530
Download  ANX7530 Click to download

File Size   176.62 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description HDMI to DisplayPort Bridge Controller

ANX7530 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7530 Product details

Features
 Standard compliance
- DisplayPort1.3, HDMI2.0/1.4b, HDCP 1.4 receiver
 DisplayPort transmitter
- DisplayPort transmitter (2-lanes @6.75Gbps)
- Configurable 1-lane or 2-lane output supports: HBR2.5, HBR2, HBR, and RBR data rates
- Ultra-HD (3840x2160p60) or 4K (4096x2160p60) maximum video resolution
- Stereo (3D) video output support
- AUXP and AUXN support
- HDCP1.4 receiver support
 HDMI 2.0 receiver
- Supports max pixel clock rates up to 600 Mpixels/sec
- Up to 36bpp color depth support
- Up to Ultra-HD (3840x2160p60) or 4K (4096x2160p60) maximum video resolution
- Up to 8-channels digital audio support
 System operation
- Reference input clock: 27MHz
- Slave I2C device control interface
- Built-in video BIST patterns and audio tone generator for system self-test
 Power supply requirements
- 1.0V, 1.8V, and 3.3V
 Package: VFBGA




Similar Part No. - ANX7530

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7530 ANALOGIX-ANX7530 Datasheet
183Kb / 2P
SlimPort짰 (4K Ultra-HD) Receiver
ANX7530 ANALOGIX-ANX7530 Datasheet
179Kb / 2P
SlimPort® (4K Ultra-HD) Receiver
December 2016
ANX7530 ANALOGIX-ANX7530 Datasheet
861Kb / 3P
SlimPort® (4K Ultra-HD) Receiver
April 2018
ANX7530 ANALOGIX-ANX7530 Datasheet
179Kb / 2P
SlimPort® DisplayPort to Single MIPI Receiver
December 2016
More results


Similar Description - ANX7530

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
Pericom Semiconductor C...
PI3VDP411LSA PERICOM-PI3VDP411LSA Datasheet
635Kb / 13P
Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
logo
Tripp Lite. All Rights ...
B157-002-HD TRIPPLITE-B157-002-HD Datasheet
497Kb / 2P
2-Port DisplayPort to HDMI Splitter
P130-000-DP TRIPPLITE-P130-000-DP Datasheet
503Kb / 2P
HDMI/DVI to DisplayPort Active Converter, HDMI to DisplayPort (F/F), 1920 x 1200 (1080p)
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
logo
Diodes Incorporated
PI3VDP411LSR DIODES-PI3VDP411LSR Datasheet
616Kb / 10P
Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
08/23/11
logo
Kinetic Technologies.
STDP2550 KINETIC-STDP2550 Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2600 KINETIC-STDP2600 Datasheet
326Kb / 4P
Advanced HDMI to DisplayPort Converter
October 2020 - Revision 03b
STDP2650 KINETIC-STDP2650 Datasheet
168Kb / 5P
Advanced DisplayPort to HDMI converter
September 2022 - Revision 03d
logo
Chrontel, Inc.
CH7525 CHRONTEL-CH7525 Datasheet
207Kb / 7P
CH7525 4 Lane DisplayPort to HDMI Converter
Rev 1.1 2021-5-11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com