Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7737 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7737 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7737
Download  ANX7737 Download
File Size   115.25 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description DisplayPort™ to HDMI® (Ultra-HD, 4K) Converter

ANX7737 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7737 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7737
Download  ANX7737 Click to download

File Size   115.25 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description DisplayPort™ to HDMI® (Ultra-HD, 4K) Converter

ANX7737 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7737 Product details

Features
 Standard compliance
− DisplayPort, HDMI, HDCP
 DisplayPort receiver
− 1-lane DisplayPort1.2 input with link speed of RBR (1.62Gbps), HBR (2.7Gbps), HBR2 (5.4Gbps), and HBR2.5 (6.75Gbps)
− Advanced WideEye™ SerDes technology capable of receiving data over long and low quality cables
− Stereo (3D) video support
− HDCP content protection
 HDMI transmitter
− Supports all HDMI 1.4b 4K resolutions, in conjunction with an Analogix 4K transmitter, including 3840x2160@30Hz and 4096x2160@24Hz video formats
− Up to 36bpp color depth support at Full-HD
− 3D video output support for all HDMI 1.4b 3D modes
− Remote control support through Consumer Electronics Control (CEC)
− HDCP version 1.4 and 2.2 pass-through content protection
 System operation
− On-chip Microcontroller (OCM)
− Slave I2C device control interface
− Master I2C device control interface available on DisplayPort CONFIG signals
− Built-in video test pattern generator
 Power requirements
− 1.0V and 1.8V power supplies
 Package offered: 64-pin QFN, 8mm x 8mm, 0.4mm pin-pitch
 RoHS compliant and Halogen free package




Similar Part No. - ANX7737

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7730 ANALOGIX-ANX7730 Datasheet
398Kb / 2P
USB Type-C Crosspoint Switch
June 2015
ANX7730 ANALOGIX-ANX7730 Datasheet
218Kb / 2P
SlimPort®to HDMI® (Ultra-HD, 4K) Converter
July 2014
ANX7730 ANALOGIX-ANX7730 Datasheet
333Kb / 2P
SlimPort® to DisplayPort™ (4K@30Hz) Converter
November 2014
ANX7730 ANALOGIX-ANX7730 Datasheet
293Kb / 2P
SlimPort® Transmitter
June 2015
ANX7730 ANALOGIX-ANX7730 Datasheet
214Kb / 2P
SlimPort® Transmitter
July 2014
More results


Similar Description - ANX7737

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P136-06N-UHD-V2 TRIPPLITE-P136-06N-UHD-V2 Datasheet
492Kb / 2P
DisplayPort 1.2 to HDMI Active Converter, DisplayPort to HDMI (M/F), UHD 4K x 2K/1080p, 6 in.
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
P130-06N-DP-V2 TRIPPLITE-P130-06N-DP-V2 Datasheet
177Kb / 3P
HDMI to DisplayPort Active Converter 4K with USB Power, HDMI to DisplayPort (M/F), 4096 x 2160/4K x 2K @ 30 Hz, 6 in.
logo
IOGEAR
GHSP8422 IOGEAR-GHSP8422 Datasheet
148Kb / 3P
4K Ultra HD 2-Port Splitter with HDMI Connectors
GHSP8424 IOGEAR-GHSP8424 Datasheet
160Kb / 3P
4K Ultra HD 4-Port Splitter with HDMI Connectors
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
logo
Kinetic Technologies.
STDP2550 KINETIC-STDP2550 Datasheet
398Kb / 5P
Mobility DisplayPort to HDMI Converter
April 2020 - Revision 03b
STDP2600 KINETIC-STDP2600 Datasheet
326Kb / 4P
Advanced HDMI to DisplayPort Converter
October 2020 - Revision 03b
STDP2650 KINETIC-STDP2650 Datasheet
168Kb / 5P
Advanced DisplayPort to HDMI converter
September 2022 - Revision 03d
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com