Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7814 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7814 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7814
Download  ANX7814 Download
File Size   333.89 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort® to DisplayPort™ (4K@30Hz) Converter

ANX7814 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7814 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7814
Download  ANX7814 Click to download

File Size   333.89 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description SlimPort® to DisplayPort™ (4K@30Hz) Converter

ANX7814 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7814 Product details

Features
* Standard compliance
- DisplayPort, MyDP, HDCP
- SlimPort/MyDP/DisplayPort receiver
- 1-lane high-speed differential input with configurable speed: HBR2.5, HBR2, HBR, or RBR
- Video up to 4K@30Hz resolution
- Spread Spectrum Clocking (SSC) support
- Stereo (3D) video input support
- Single wire AUXP (C-WIRE) sideband communication
- HDCP content protection
* DisplayPort transmitter
- 1-, 2-, or 4-lane high-speed differential output with configurable speed: HBR or RBR
- Stereo (3D) video input support
- HDCP content protection
* System operation
- Integrated On-chip Microcontroller (OCM) for software free operation
- Slave I2C device control interface
* Power requirements
- 3.3V, 1.8V, and 1.0V
* Package offered: 88-QFN, 0.4mm pin pitch
* RoHS compliant and Halogen free package




Similar Part No. - ANX7814

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7814 ANALOGIX-ANX7814 Datasheet
398Kb / 2P
USB Type-C Crosspoint Switch
June 2015
ANX7814 ANALOGIX-ANX7814 Datasheet
219Kb / 2P
SlimPort® (Full-HD) Transmitter
July 2014
ANX7814 ANALOGIX-ANX7814 Datasheet
218Kb / 2P
SlimPort®to HDMI® (Ultra-HD, 4K) Converter
July 2014
ANX7814 ANALOGIX-ANX7814 Datasheet
293Kb / 2P
SlimPort® Transmitter
June 2015
ANX7814 ANALOGIX-ANX7814 Datasheet
219Kb / 2P
SlimPort® (Full-HD) Transmitter
July 2014
More results


Similar Description - ANX7814

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136-06N-UHD-V2 TRIPPLITE-P136-06N-UHD-V2 Datasheet
492Kb / 2P
DisplayPort 1.2 to HDMI Active Converter, DisplayPort to HDMI (M/F), UHD 4K x 2K/1080p, 6 in.
P136-06N-HV-V2 TRIPPLITE-P136-06N-HV-V2 Datasheet
494Kb / 2P
DisplayPort 1.2 to VGA/HDMI All-in-One Converter Adapter, 4K x 2K HDMI 24 30Hz
P580-020 TRIPPLITE-P580-020 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 30Hz, 20-ft.
P580-025 TRIPPLITE-P580-025 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 30Hz, 25-ft.
logo
IOGEAR
GDPDVI4KA IOGEAR-GDPDVI4KA Datasheet
167Kb / 3P
Active DisplayPort to DVI Adapter - 4K 30Hz
GHDMDPF IOGEAR-GHDMDPF Datasheet
180Kb / 2P
HDMI짰 (M) to DisplayPort (F) Adapter; 4K @30Hz
logo
Analogix Semiconductor,...
ANX1121 ANALOGIX-ANX1121 Datasheet
210Kb / 2P
Low Cost DisplayPort™ to LVDS Converter
July 2014
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
STDP3150 KINETIC-STDP3150 Datasheet
135Kb / 5P
DisplayPort to VGA Converter
April 2020 - Revision 03b
logo
STMicroelectronics
STDP2690 STMICROELECTRONICS-STDP2690 Datasheet
237Kb / 8P
Advanced DisplayPort to DisplayPort (dual mode) converter
June 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com