Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5004L-R Datasheet (PDF) - Skyworks Solutions Inc.

SE5004L-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE5004L-R
Download  SE5004L-R Download
File Size   290.5 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 5 GHz, 26dBm Power Amplifier with Power Detector

SE5004L-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE5004L-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE5004L-R
Download  SE5004L-R Click to download

File Size   290.5 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 5 GHz, 26dBm Power Amplifier with Power Detector

SE5004L-R Datasheet (HTML) - Skyworks Solutions Inc.


SE5004L-R Product details

Product Description
The SE5004L is a 5GHz power amplifier offering high linear power for wireless LAN applications. The SE5004L incorporates a power detector for closed loop monitoring and control of the output power.
The SE5004L offers high integration for a simplified design, providing quicker time to market and higher application board production yield. The device integrates the input match, the inter-stage match, the output match, the power detector with 15dB of dynamic range and a 3.8GHz notch filter. Only 6 external decoupling capacitors are required to complete the design.
For wireless LAN applications, the device meets the requirements of IEEE802.11a & 802.11n, and delivers approximately 26dBm of linear output power at 5V.
The SE5004L integrates temperature compensated bias voltage generators. A 2.85V reference voltage on VREF is all that is required to enable or disable the power amplifier.

Applications
 DSSS 5 GHz WLAN (IEEE802.11a)
 DSSS 5 GHz WLAN (IEEE802.11n)
 Access Points, PCMCIA, PC cards




Similar Part No. - SE5004L-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SE500 LITTELFUSE-SE500 Datasheet
656Kb / 3P
Gas Discharge Tubes
Revised: 12/12/17
logo
Skyworks Solutions Inc.
SE5003L SKYWORKS-SE5003L Datasheet
297Kb / 9P
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
October 23, 2012
SE5003L-EK1 SKYWORKS-SE5003L-EK1 Datasheet
297Kb / 9P
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
October 23, 2012
SE5003L-R SKYWORKS-SE5003L-R Datasheet
297Kb / 9P
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
October 23, 2012
SE5005L SKYWORKS-SE5005L Datasheet
541Kb / 10P
5 GHz Power Amplifier with Power Detector
April 3, 2013
More results


Similar Description - SE5004L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com