Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5004L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE5004L-R
Description  5 GHz, 26dBm Power Amplifier with Power Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5004L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE5004L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5004L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5004L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5004L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5004L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5004L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5004L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5004L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5004L-R Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
SE5004L: 5 GHz, 26dBm Power Amplifier with Power Detector
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202393B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 23, 2012
1
Applications
DSSS 5 GHz WLAN (IEEE802.11a)
DSSS 5 GHz WLAN (IEEE802.11n)
Access Points, PCMCIA, PC cards
Features
High output power amplifier
-
26dBm at 5V
External Analog Reference Voltage (VREF) for
maximum flexibility
Buffered, temperature compensated power
detector
3% EVM, @26dBm, 64 QAM, 54 Mbps
32 dB Gain
Lead Free, RoHS compliant, halogen free MSL3
package
20 pin 4 mm x 4 mm x 0.9 mm QFN
Ordering Information
Part Number
Package
Remark
SE5004L
20 Pin QFN
Samples
SE5004L-R
20 Pin QFN
Tape and Reel
SE5004L-EK1
Evaluation Kit
Standard
Product Description
The SE5004L is a 5GHz power amplifier offering high
linear power for wireless LAN applications.
The
SE5004L incorporates a power detector for closed
loop monitoring and control of the output power.
The SE5004L offers high integration for a simplified
design, providing quicker time to market and higher
application board production yield.
The device
integrates the input match, the inter-stage match, the
output match, the power detector with 15dB of
dynamic range and a 3.8GHz notch filter.
Only 6
external
decoupling
capacitors
are
required
to
complete the design.
For wireless LAN applications, the device meets the
requirements of IEEE802.11a & 802.11n, and delivers
approximately 26dBm of linear output power at 5V.
The SE5004L integrates temperature compensated
bias voltage generators. A 2.85V reference voltage
on VREF is all that is required to enable or disable the
power amplifier.
Functional Block Diagram
RFIN and RFOUT include DC shunt to Ground. External blocking capacitors are recommended.
Figure 1: Functional Block Diagram


Similar Part No. - SE5004L-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SE500 LITTELFUSE-SE500 Datasheet
656Kb / 3P
Gas Discharge Tubes
Revised: 12/12/17
logo
Skyworks Solutions Inc.
SE5003L SKYWORKS-SE5003L Datasheet
297Kb / 9P
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
October 23, 2012
SE5003L-EK1 SKYWORKS-SE5003L-EK1 Datasheet
297Kb / 9P
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
October 23, 2012
SE5003L-R SKYWORKS-SE5003L-R Datasheet
297Kb / 9P
SE5003L: 5 GHz, 23dBm Power Amplifier with Power Detector
October 23, 2012
SE5005L SKYWORKS-SE5005L Datasheet
541Kb / 10P
5 GHz Power Amplifier with Power Detector
April 3, 2013
More results

Similar Description - SE5004L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com