Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0831-4 Datasheet (PDF) - SYC Electronica

ADC0831-4 Datasheet PDF - SYC Electronica
Part # ADC0831-4
Download  ADC0831-4 Download
File Size   802.8 Kbytes
Page   33 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-Bit Serial I/O A/D Converters with Multiplexer Options

ADC0831-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC0831-4 Datasheet PDF - SYC Electronica

Part # ADC0831-4
Download  ADC0831-4 Click to download

File Size   802.8 Kbytes
Page   33 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 8-Bit Serial I/O A/D Converters with Multiplexer Options

ADC0831-4 Datasheet (HTML) - SYC Electronica


ADC0831-4 Product details

General Description
The ADC0831 series are 8-bit successive approximation A/D
converters with a serial I/O and configurable input multiplexers
with up to 8 channels. The serial I/O is configured to
comply with the NSC MICROWIRE™ serial data exchange
standard for easy interface to the COPS™ family of processors,
and can interface with standard shift registers or μPs.
The 2-, 4- or 8-channel multiplexers are software configured
for single-ended or differential inputs as well as channel
assignment.
The differential analog voltage input allows increasing the
common-mode rejection and offsetting the analog zero input
voltage value. In addition, the voltage reference input can be
adjusted to allow encoding any smaller analog voltage span
to the full 8 bits of resolution.

Features
n NSC MICROWIRE compatible—direct interface to
COPS family processors
n Easy interface to all microprocessors, or operates
“stand-alone”
n Operates ratiometrically or with 5 VDC voltage reference
n No zero or full-scale adjust required
n 2-, 4- or 8-channel multiplexer options with address logic
n Shunt regulator allows operation with high voltage
supplies
n 0V to 5V input range with single 5V power supply
n Remote operation with serial digital data link
n TTL/MOS input/output compatible
n 0.3" standard width, 8-, 14- or 20-pin DIP package
n 20 Pin Molded Chip Carrier Package (ADC0838 only)
n Surface-Mount Package




Similar Part No. - ADC0831-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N Datasheet
2Mb / 41P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N_14 Datasheet
2Mb / 41P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
More results


Similar Description - ADC0831-4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
Serial I/O 8-Bit A/D Converters
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0832CCN TI1-ADC0832CCN Datasheet
2Mb / 40P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N_14 Datasheet
2Mb / 41P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com