Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2281 Datasheet (PDF) - Micro Linear Corporation

ML2281 Datasheet PDF - Micro Linear Corporation
Part # ML2281
Download  ML2281 Download
File Size   410.27 Kbytes
Page   26 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Serial I/O 8-Bit A/D Converters with Multiplexer Options

ML2281 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2281 Datasheet PDF - Micro Linear Corporation

Part # ML2281
Download  ML2281 Click to download

File Size   410.27 Kbytes
Page   26 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Serial I/O 8-Bit A/D Converters with Multiplexer Options

ML2281 Datasheet (HTML) - Micro Linear Corporation


ML2281 Product details

GENERAL DESCRIPTION
The ML2281 family are 8-bit successive approximation A/D converters with serial I/O and configurable input multiplexers with up to 8 input channels.
All errors of the sample-and-hold, incorporated on the ML2281 family are accounted for in the analog-to-digital converters accuracy specification.

FEATURES
■ Conversion time: 6µs
■ Total unadjusted error: ±1/2LSB or ±1LSB
■ Sample-and-hold: 375ns acquisition
■ 2, 4 or 8-input multiplexer options
■ 0 to 5V analog input range with single 5V power supply
■ Operates ratiometrically or with up to 5V voltage reference
■ No zero or full-scale adjust required
■ ML2281 capable of digitizing a 5V, 40kHz sine wave
■ Low power: 12.5mW MAX
■ Superior pin compatible replacement for ADC0831, ADC0832, ADC0834, and ADC0838
■ Analog input protection: 25mA (min) per input
■ Now in 8-Pin SOIC Package (ML2281, ML2282)




Similar Part No. - ML2281

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
Serial I/O 8-Bit A/D Converters
logo
List of Unclassifed Man...
ML22802-XXX ETC2-ML22802-XXX Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
ML22804 ETC2-ML22804 Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
Micro Linear Corporatio...
ML2280BCP MICRO-LINEAR-ML2280BCP Datasheet
357Kb / 20P
Serial I/O 8-Bit A/D Converters
More results


Similar Description - ML2281

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0832CCN TI1-ADC0832CCN Datasheet
2Mb / 40P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N_14 Datasheet
2Mb / 41P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com