Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2281 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML2281
Description  Serial I/O 8-Bit A/D Converters with Multiplexer Options
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2281 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML2281 Datasheet HTML 1Page - Micro Linear Corporation ML2281 Datasheet HTML 2Page - Micro Linear Corporation ML2281 Datasheet HTML 3Page - Micro Linear Corporation ML2281 Datasheet HTML 4Page - Micro Linear Corporation ML2281 Datasheet HTML 5Page - Micro Linear Corporation ML2281 Datasheet HTML 6Page - Micro Linear Corporation ML2281 Datasheet HTML 7Page - Micro Linear Corporation ML2281 Datasheet HTML 8Page - Micro Linear Corporation ML2281 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ML2281, ML2282, ML2284, ML2288
3
NAME
FUNCTION
VCC
Positive supply. 5V ± 10%
DGND
Digital ground. 0 volts. All digital inputs and
outputs are referenced to this point.
AGND
Analog ground. The negative reference voltage
for A/D converter.
CH0-7,
Analog inputs. Digitally selected to be single
VIN+, VIN– ended (VIN) or; VIN+ or VIN– of a differential
input. Analog range = GND - VIN - VCC.
COM
Common reference point for analog inputs.
A/D conversion is performed on voltage
difference between analog input and this
common reference point if single-end
conversion is specified.
VREF
Reference. The positive reference voltage for
A/D converter.
SE
Shift enable. Input controls whether LSB first
bit stream is shifted out on serial output DO.
If SE = 1, MSB first is shifted out only. If SE = 0,
an MSB first bit stream is shifted out, then a
second bit stream with LSB first is shifted out
after end of conversion.
V+
Input to the Shunt Regulator.
PIN DESCRIPTION
NAME
FUNCTION
DO
Data out. Digital output which contains result
of A/D conversion. The serial data is clocked
out on falling edges of CLK.
SARS
Successive approximation register status.
Digital output which indicates that a
conversion is in progress. When SARS goes
to 1, the sampling window is closed and
conversion begins. When SARS goes to 0,
conversion is completed. When CS = 1, SARS
is in high impedance state.
CLK
Clock. Digital input which clocks data in on
DI on rising edges and out on DO on falling
edges. Also used to generate clocks for A/D
conversion.
DI
Data input. Digital input which contains serial
data to program the MUX and channel
assignments.
CS
Chip select. Selects the chip for multiplexer
and channel assignment and A/D conversion.
When CS = 1, all digital outputs are in high
impedance state. When CS = 0, normal A./D
conversion takes place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com