Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7480 Datasheet (PDF) - Texas Instruments

LM7480 Datasheet PDF - Texas Instruments
Part # LM7480
Download  LM7480 Download
File Size   4427.09 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs

LM7480 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7480 Datasheet PDF - Texas Instruments

Part # LM7480
Download  LM7480 Click to download

File Size   4427.09 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs

LM7480 Datasheet (HTML) - Texas Instruments


LM7480 Product details

1 Features
• Qualified for extended temperature applications
– Device temperature:
–55°C to +125°C ambient operating
temperature range
• 3-V to 65-V input range
• Reverse input protection down to –65 V
• Drives external back-to-back N-channel MOSFETs
in common drain and common source
configurations
• Ideal diode operation with 10.5-mV A to C forward
voltage drop regulation (LM74800)
• Low reverse detection threshold (–4.5 mV) with
fast response (0.5 μs)
• 20-mA peak gate (DGATE) turnon current
• 2.6-A peak DGATE turnoff current
• Adjustable overvoltage protection
• Low 2.87-μA shutdown current (EN/UVLO = Low)
• Available in space saving 12-pin WSON package

2 Applications
• Avionics input reverse polarity protection
– Sensors
– Imaging
– Radar
• Active ORing for redundant power

3 Description
The LM7480 ideal diode controller drives and controls
external back to back N-channel MOSFETs to
emulate an ideal diode rectifier with power path
ON/OFF control and overvoltage protection. The wide
input supply of 3 V to 65 V allows protection and
control of 12-V and 24-V input powered systems.
The device can withstand and protect the loads
from negative supply voltages down to –65 V. An
integrated ideal diode controller (DGATE) drives the
first MOSFET to replace a Schottky diode for reverse
input protection and output voltage holdup. With a
second MOSFET in the power path the device allows
load disconnect (ON/OFF control) and overvoltage
protection using HGATE control. The device features
an adjustable overvoltage cut-off protection feature.
LM7480 has two variants, LM74800 and LM74801.
LM74800 employs reverse current blocking using
linear regulation and comparator scheme versus
LM74801, which supports a comparator based
scheme. With common-drain configuration of the
power MOSFETs, the mid-point can be utilized
for ORing designs using another ideal diode. The
LM7480 has a maximum voltage rating of 65 V. The
loads can be protected from extended overvoltage
transients like 200-V unsuppressed load dumps in
24-V battery systems by configuring the device with
external MOSFETs in common source topology.




Similar Part No. - LM7480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7480 TI-LM7480 Datasheet
4Mb / 44P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
LM7480-Q1 TI1-LM7480-Q1 Datasheet
8Mb / 41P
LM7480x-Q1 Ideal Diode Controller with Load Dump Protection
LM7480-Q1 TI-LM7480-Q1 Datasheet
4Mb / 44P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
LM74800 TI-LM74800 Datasheet
4Mb / 44P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
LM74800-Q1 TI1-LM74800-Q1 Datasheet
8Mb / 41P
LM7480x-Q1 Ideal Diode Controller with Load Dump Protection
More results


Similar Description - LM7480

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
BACK TO BACK SCR MODULE
Sep-2000
logo
NXP Semiconductors
BZB100A NXP-BZB100A Datasheet
61Kb / 10P
Dual back-to-back Zener diode
Rev. 01-28 January 2008
logo
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
BACK TO BACK SCR MODULE
logo
STMicroelectronics
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
Back to back SCR module
11-Jul-2007
logo
Glenair, Inc.
805-114 GLENAIR-805-114 Datasheet
227Kb / 1P
Mighty Mouse High-Speed Back-to-Back
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
BACK TO BACK SCR MODULE
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
Back to Back SCR Module
logo
Texas Instruments
LM7480 TI-LM7480 Datasheet
4Mb / 44P
LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
LM7481 TI-LM7481 Datasheet
2Mb / 35P
LM7481 3-V to 65-V Ideal Diode Controller Driving Back to Back NFETs
DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com