Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS432 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS432
Download  TS432 Download
File Size   201.36 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Adjustable Precision Shunt Regulator

TS432 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS432 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS432
Download  TS432 Click to download

File Size   201.36 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Adjustable Precision Shunt Regulator

TS432 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS432 Product details

General Description
The TS432/432A/432B is a three-terminal adjustable shunt regulator with specified thermal stability. The output voltage may be set to any value between Vref (approximately 1.24V) and 18V with two external resistors. The TS432/432A/432B has a typical output impedance of 0.2Ω. Active output circuitry provides a very sharp turn-on characteristic, making the TS432/432A/432B excellent replacement for zener diode in many applications. This series is offered in 3-pin TO-92, SOT-89, SOT-23 and 5-pin SOT-25 package.

Features
◇ Precision Reference Voltage
    TS432 1.24V±2%
    TS432A 1.24V±1%
    TS432B 1.24V±0.5%
◇ Minimum Cathode Current for regulation: 150uA(typ)
◇ Equivalent Full Range Temp. Coefficient: 50ppm/ oC
◇ Programmable Output Voltage up to 18V
◇ Fast Turn-On Response
◇ Sink Current Capability of 1.0 to 100 mA
◇ Low Dynamic Output Impedance: 0.2Ω
◇ Low Output Noise




Similar Part No. - TS432

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
Texas Instruments
TS432 TI-TS432 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
07-Apr-2008
logo
Taiwan Semiconductor Co...
TS432 TSC-TS432 Datasheet
985Kb / 12P
Adjustable Precision Shunt Regulator
TS432 TSC-TS432 Datasheet
985Kb / 12P
Adjustable Precision Shunt Regulator
More results


Similar Description - TS432

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com