Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet (PDF) - STMicroelectronics

TS432 Datasheet PDF - STMicroelectronics
Part # TS432
Download  TS432 Download
File Size   153.13 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE

TS432 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS432 Datasheet PDF - STMicroelectronics

Part # TS432
Download  TS432 Click to download

File Size   153.13 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE

TS432 Datasheet (HTML) - STMicroelectronics


TS432 Product details

DESCRIPTION
The TS432 is an adjustable low power shunt voltage reference providing an output voltage from 1.24V to 10V over the industrial temperature range (-40 to +85°C). Available in SOT23-3 surface mount package, it can be designed in applications where space saving is a critical issue.

■ 1.24V TYP OUTPUT VOLTAGE
■ ULTRA LOW OPERATING CURRENT : 60µA maximum at 25°C
■ HIGH PRECISION @ 25°C +/- 1% +/- 0.5%
■ HIGH STABILITY WHEN USED WITH CAPACITIVE LOADS
■ INDUSTRIAL TEMPERATURE RANGE: -40 to +85°C
■ 100ppm/°C TEMPERATURE COEFFICIENT

APPLICATION
■ Computers
■ Instrumentation
■ Battery chargers
■ Switch Mode Power Supply
■ Battery operated equipments




Similar Part No. - TS432

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS432 TSC-TS432 Datasheet
201Kb / 7P
Adjustable Precision Shunt Regulator
logo
Texas Instruments
TS432 TI-TS432 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
07-Apr-2008
logo
Taiwan Semiconductor Co...
TS432 TSC-TS432 Datasheet
985Kb / 12P
Adjustable Precision Shunt Regulator
TS432 TSC-TS432 Datasheet
985Kb / 12P
Adjustable Precision Shunt Regulator
More results


Similar Description - TS432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041 Datasheet
147Kb / 7P
Precision Micropower 1.24V Shunt Voltage Reference
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
1.24V Programmable Shunt Voltage Reference
Dec-2004
logo
List of Unclassifed Man...
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
Unisonic Technologies
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041_04 Datasheet
115Kb / 9P
Precision 1.24V Shunt Voltage Reference
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
logo
National Semiconductor ...
LMV431 NSC-LMV431_05 Datasheet
938Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt
logo
Unisonic Technologies
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com