Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS432
Description  1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS432 Datasheet(HTML) 4 Page - STMicroelectronics

  TS432 Datasheet HTML 1Page - STMicroelectronics TS432 Datasheet HTML 2Page - STMicroelectronics TS432 Datasheet HTML 3Page - STMicroelectronics TS432 Datasheet HTML 4Page - STMicroelectronics TS432 Datasheet HTML 5Page - STMicroelectronics TS432 Datasheet HTML 6Page - STMicroelectronics TS432 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS432
4/7
Off-State current vs temperature
Ratio of change in reference input voltage to
change in VK voltage vs temperature
Phase and Gain vs frequency
Test circuit for Off-State current measurement
Test circuit for VKA > VREF
Test circuit for phase and gain measurement
-40
0
40
80
120
0
50
100
150
V
REF
= 0 V
V
K
= 10 V
Temperature (°C)
-40
0
40
80
120
0
1
2
3
I
K
= 10 mA
V
K
= 10V to V
REF
Temperature (°C)
10
2
10
3
10
4
10
5
10
6
0
20
40
60
0
60
120
180
T
AMB
= +25°C
Phase
Gain
Frequency (Hz)
Input
VK =10V
IOFF
Input
IK
VK = VREF . (1+R1/R2) + IREF . R1
VK
R1
R2
IREF
VREF
Input
Output
5V
1 µ F
22 µ F
33 k
33 k
23.5 k



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com