Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS432
Description  1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS432 Datasheet(HTML) 1 Page - STMicroelectronics

  TS432 Datasheet HTML 1Page - STMicroelectronics TS432 Datasheet HTML 2Page - STMicroelectronics TS432 Datasheet HTML 3Page - STMicroelectronics TS432 Datasheet HTML 4Page - STMicroelectronics TS432 Datasheet HTML 5Page - STMicroelectronics TS432 Datasheet HTML 6Page - STMicroelectronics TS432 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
s 1.24V TYP OUTPUT VOLTAGE
s ULTRA LOW OPERATING CURRENT :
60
µA maximum at 25°C
s HIGH PRECISION @ 25°C
+/- 1%
+/- 0.5%
s HIGH STABILITY WHEN USED WITH
CAPACITIVE LOADS
s INDUSTRIAL TEMPERATURE RANGE:
-40 to +85°C
s 100ppm/°C TEMPERATURE COEFFICIENT
DESCRIPTION
The TS432 is an adjustable
low power shunt
voltage reference providing an output voltage from
1.24V to 10V over the industrial temperature
range (-40 to +85°C). Available in SOT23-3
surface mount package, it can be designed in
applications where space saving is a critical issue.
The low operating current is a key advantage for
power restricted designs. In addition, the TS432 is
very stable and can be used in a broad range of
application conditions.
APPLICATION
s Computers
s Instrumentation
s Battery chargers
s Switch Mode Power Supply
s Battery operated equipments
ORDER CODE
LT = Tiny Package (SOT23-3) - only available in Tape & Reel (LT)
PIN CONNECTIONS (top view)
Precision
SOT23-3
SOT23 Marking
1%
TS432ILT
L235
0.5%
TS432AILT
L236
Single temperature range: -40 to +85°C
L
SOT23-3L
(Plastic Micropackage)
SOT23-3
K
Cathode
Ref
Reference
A
Anode
TS432
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
December 2002


Similar Part No. - TS432

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS432 TSC-TS432 Datasheet
201Kb / 7P
Adjustable Precision Shunt Regulator
logo
Texas Instruments
TS432 TI-TS432 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
07-Apr-2008
logo
Taiwan Semiconductor Co...
TS432 TSC-TS432 Datasheet
985Kb / 12P
Adjustable Precision Shunt Regulator
TS432 TSC-TS432 Datasheet
985Kb / 12P
Adjustable Precision Shunt Regulator
More results

Similar Description - TS432

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041 Datasheet
147Kb / 7P
Precision Micropower 1.24V Shunt Voltage Reference
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
1.24V Programmable Shunt Voltage Reference
Dec-2004
logo
List of Unclassifed Man...
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
Unisonic Technologies
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041_04 Datasheet
115Kb / 9P
Precision 1.24V Shunt Voltage Reference
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
logo
National Semiconductor ...
LMV431 NSC-LMV431_05 Datasheet
938Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt
logo
Unisonic Technologies
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com