Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS432 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS432
Description  1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS432 Datasheet(HTML) 2 Page - STMicroelectronics

  TS432 Datasheet HTML 1Page - STMicroelectronics TS432 Datasheet HTML 2Page - STMicroelectronics TS432 Datasheet HTML 3Page - STMicroelectronics TS432 Datasheet HTML 4Page - STMicroelectronics TS432 Datasheet HTML 5Page - STMicroelectronics TS432 Datasheet HTML 6Page - STMicroelectronics TS432 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS432
2/7
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Value
Unit
VK
Cathode voltage
12
V
IK
Cathode current
-10 to +20
mA
IREF
Reference input current
-0.05 to +3
mA
PD
Power dissipation 1)
SOT23-3
340
mW
RTHJA
Thermal resistance junction to ambient for
SOT23-3
360
°C/W
TLEAD
Lead temperature (soldering 10 seconds)
250
°C
TSTG
Storage temperature
-65 to +150
°C
TJ
Junction temperature
150
°C
ESD
Human Body Model (HBM)
1.5
kV
Machine Model (MM)
150
V
1. Pd has been calculated with Tamb = 25°C, Tj = 150°C and Rthja = 360°C/W for the SOT23-3L package
Symbol
Parameter
Value
Unit
VK
Cathode voltage
1.24 to 10
V
IK
Cathode current
60µ to 12m
A
TAMB
Ambient temperature
-40 to +85
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VREF
Reference voltage
IK = 100µA, VK=VREF
1.24
V
TS432 (1%)
1.228
1.252
TS432A (0.5%)
1.234
1.246
∆V
REF
Reference voltage tolerance over
temperature
IK = 100µA, VK=VREF
716
mV
IKMIN
Minimum operating current
Tamb = 25°C
40
60
µA
-40°C < TAMB < +85°C
65
∆V
REF
Reverse breakdown voltage change
with operating current range
IKMIN < IK < 1mA
0.7
1.5
mV
-40°C < TAMB < +85°C
2
1mA < IK < 12mA
24
-40°C < TAMB < +85°C
6
∆V
REF/
∆V
K
Reference voltage change with output
voltage change
IK = 10mA, VK=10V to VREF
1.8
2.5
mV/V
-40°C < TAMB < +85°C
3
IREF
Reference input current
IK=10mA, R1=10KΩ, R2=+
50
100
nA
-40°C < TAMB < +85°C
200
IOFF
Off-state cathode current
VREF=0, VK=10V
1
100
nA
-40°C < TAMB < +85°C
150
RKA
Static impedance
∆I
K = 100µA to 12mA
0.25
0.5
KVH
Long term stability
IK = 100µA, t = 1000hrs
120
ppm
EN
Wide band noise
IK = 100µA 100Hz < F < 10kHz
200
nV/
√Hz
Note : Limits are 100% production tested at 25°C. Limits over temperature are guaranteed through correlation and by design.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com